Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 156 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 152Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 153Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 154Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 155Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 156Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 157Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 158Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 159Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
156/185
DS14736 Rev 1
5.3.26
Comparator characteristics
Table 89. COMP characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.58
-
3.6
V
VIN
Input voltage range
-
0
-
VDDA
VREFINT
Scaler input voltage
-
(3)
V
VSC
Scaler offset voltage
-
-
±5
±10
mV
IDDA(SCALER)
Static consumption from
VDDA
Scaler bridge disabled(4)
-
0.20
0.25
μA
Scaler bridge enabled(5)
-0.7
1
tSTART_SCALER Scaler startup time
-
-
130
220
µs
tSTART(6)
Startup time to reach
propagation delay
specification
High-speed mode
-
-
8
µs
Intermediate mode
-
-
12
Medium mode
-
-
16
Ultra-low-power mode
-
-
60
tD(6)
Propagation delay for
200 mV step with
100 mV overdrive
High-speed mode
-
50
100
ns
Intermediate mode
-
240
490
Medium mode
-
400
740
Ultra-low-power mode
-
4
7.5
µs
Voffset(6)
Offset error
Full common mode range
-
±8
±20
mV
Vhys(6)
Hysteresis
No hysteresis
-
0
-
mV
Low hysteresis
-
13
-
Medium hysteresis
-
26
-
High hysteresis
-
39
-
Ibias(6)
Input bias current
-
(7)
nA
IDDA(COMP)(6)
Consumption from VDDA
High-speed
mode
Static
-
43
72
µA
With 50 kHz ±100 mV
overdrive square signal
-44
73
Intermediate
mode
Static
-
8.5
14
With 50 kHz ±100 mV
overdrive square signal
-9
15
Medium
mode
Static
-
4.0
7.0
With 50 kHz ±100 mV
overdrive square signal
-4.5
7.5
Ultra-low-power
mode
Static
-
0.38
1.05
With 50 kHz ±100 mV
overdrive square signal
-1.5
2.5
1. Specified by design, not tested in production, unless otherwise specified.
2. Input capacitance is negligible when compared to the I/O capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com