| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA65PII6TR Datasheet(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA65PII6TR Datasheet(HTML) 49 Page - STMicroelectronics |
|
49 / 185 page ![]() DS14736 Rev 1 49/185 STM32WBA6xxx Functional overview 69 • Analog input channels – Up to 10 external analog inputs – One channel for the internal temperature sensor (VSENSE) – One channel for the internal reference voltage (VREFINT) – One channel for the internal digital core voltage (VCORE) • Start-of-conversion can be initiated: – By software – By hardware triggers with configurable polarity (timer events or GPIO input events) • Conversion modes – Conversion of a single channel or scan of a sequence of channels – Selected inputs converted once per trigger in Single mode – Selected inputs converted continuously in Continuous mode – Discontinuous mode • Interrupt generation at the end of sampling, end of conversion, end of sequence conversion, and in case of analog watchdog or overrun events, with wake-up from Stop capability • Three analog watchdogs • ADC supply requirements: 1.62 to 3.6 V • ADC input range: VSSA < VIN < VDDA Note: The ADC4 analog block clock frequency after the ADC4 prescaler must be between 140 kHz and 55 MHz. Note: VSSA is connected to package pin VSS. 3.20.1 Temperature sensor (VSENSE) The temperature sensor generates a voltage VSENSE that varies linearly with temperature. The temperature sensor is internally connected to ADC4 input channel that is used to convert the sensor output voltage into a digital value. The sensor provides good linearity but it must be calibrated to obtain a good accuracy of the temperature measurement. As the offset of the temperature sensor varies from chip to chip due to process variation, the uncalibrated internal temperature sensor is suitable for applications that detect temperature changes only. To improve the accuracy of the temperature sensor measurement, each device is individually factory-calibrated by ST. The temperature sensor factory calibration data are stored by STMicroelectronics in the system memory area, accessible in read-only mode. Table 14. Temperature sensor calibration values Calibration value name Description Memory address TS_CAL1 Temperature sensor ADC4 12-bit raw data acquired at (30 ± 5) °C, VDDA = 3.0 V (± 10 mV) 0x0BFA 0710 - 0x0BFA 0711 TS_CAL2 Temperature sensor ADC4 12-bit raw data acquired at (130 ± 5) °C, VDDA = 3.0 V (± 10 mV) 0x0BFA 0742 - 0x0BFA 0743 |