Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PII6TR Datasheet(PDF) 50 Page - STMicroelectronics

No. de pieza STM32WBA65PII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PII6TR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32WBA65PII6TR Datasheet HTML 46Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 47Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 48Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 49Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 50Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 51Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 52Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 53Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 185 page
background image
Functional overview
STM32WBA6xxx
50/185
DS14736 Rev 1
3.20.2
Internal voltage reference (VREFINT)
The internal voltage reference voltage VREFINT provides a stable (bandgap) voltage for the
ADC and comparators. The VREFINT is internally connected to ADC4 input channel that is
used to convert the voltage into a digital value.
The precise voltage of VREFINT is individually measured for each part by
STMicroelectronics during production test and stored in the system memory area. It is
accessible in read-only mode.
3.21
Voltage reference buffer (VREFBUF)
The devices embed a voltage reference buffer (VREFBUF) that can be used as voltage
reference for the ADC and external components through the VREF+ pin.
Figure 7. VREFBUF block diagram
The internal VREFBUF supports four voltages between 1.5 and 2.5 V, for more information
see VREFBUF characteristics.
When the VREFBUF is disabled, an external voltage reference can be provided through the
VREF+ pin.
3.22
Comparators (COMP)
The devices embed two rail-to-rail comparators, COMP1 and COMP2, with programmable
reference voltage (internal or external), hysteresis and speed (low-speed for low-power) and
with selectable output polarity.
Table 15. Internal voltage reference calibration values
Calibration
value name
Description
Memory address
VREFINT_CAL
Internal voltage reference ADC4 12-bit raw data
acquired at (30 ± 5) °C, VDDA = 3.0 V (± 10 mV)
0x0BFA 07A5 - 0x0BFA 07A6
MSv64430V2
+
-
VREFINT
VREF+
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com