Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PII6TR Datasheet(PDF) 115 Page - STMicroelectronics

No. de pieza STM32WBA65PII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PII6TR Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32WBA65PII6TR Datasheet HTML 111Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 112Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 113Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 114Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 115Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 116Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 117Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 118Page - STMicroelectronics STM32WBA65PII6TR Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 185 page
background image
Table 47. Current consumption in Run mode on SMPS, with different codes running
from flash memory, Cache ON (2-way), Prefetch OFF(1)
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
25 °C
25 °C
-
Voltage scaling
Code
1.8 V
3.0 V
3.3 V
1.8 V
3.0 V
3.3 V
IDD(Run)
Supply
current in
Run mode
All peripherals
disabled,
SRAM1 and
SRAM2
enabled
Range 2,
fHCLK1 = fHSI16 = 16 MHz
Reduced code
0.80
0.60
0.58
mA
49.93
37.57
35.95
µA/MHz
Coremark®
0.81
0.61
0.58
50.63
38.13
36.25
SecureMark
0.83
0.62
0.6
51.88
38.75
37.50
Dhrystone 2.1
0.84
0.63
0.6
52.50
39.38
37.50
Fibonacci
0.77
0.58
0.58
48.13
36.25
36.25
While(1)
0.61
0.48
0.46
38.13
30.00
28.75
Range 1,
fHCLK1 = fHSE32 = 32 MHz
Reduced code
2.68
2.15
2.08
83.75
67.19
65.00
Coremark®
2.7
2.16
2.09
84.38
67.50
65.31
SecureMark
2.86
2.26
2.19
89.38
70.63
68.44
Dhrystone 2.1
2.85
2.26
2.18
89.06
70.63
68.13
Fibonacci
2.58
2.08
2.02
80.63
65.00
63.13
While(1)
2.06
1.73
1.7
64.38
54.06
53.13
Range 1,
fHCLK1 = HSE32 + PLL at
100 MHz
Reduced code
6.73
4.88
4.63
67.27
48.80
46.25
Coremark®
6.80
4.93
4.67
68.02
49.30
46.72
SecureMark
7.2
5.19
4.91
72.00
51.90
49.10
Dhrystone 2.1
7.27
5.23
4.95
72.70
52.30
49.50
Fibonacci
6.4
4.67
4.43
64.00
46.70
44.30
While(1)
4.77
3.59
3.43
47.70
35.90
34.30
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com