| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA65CGV7TR Datasheet(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA65CGV7TR Datasheet(HTML) 46 Page - STMicroelectronics |
|
46 / 185 page ![]() Functional overview STM32WBA6xxx 46/185 DS14736 Rev 1 3.18 Interrupts and events 3.18.1 Nested vectored interrupt controller (NVIC) The devices embed a nested vectored interrupt controller (NVIC) that is able to manage 16 priority levels and to handle up to 70 maskable interrupt vectors plus the 16 interrupt vectors of the Cortex-M33. The NVIC benefits are the following: • closely coupled NVIC giving low-latency interrupt processing • interrupt entry vector table address passed directly to the core • early processing of interrupts • processing of late arriving higher priority interrupts • support for tail chaining • processor state automatically saved • interrupt entry restored on interrupt exit with no instruction overhead • TrustZone support: NVIC registers banked across secure and nonsecure states The NVIC hardware block provides flexible interrupt management features with minimal interrupt latency. 3.18.2 Extended interrupt/event controller (EXTI) The extended interrupts and event controller (EXTI) manages the individual CPU and system wake-up through configurable event inputs. It provides wake-up requests to the Table 11. GPDMA1 channels implementation and usage Channel x Hardware parameters Features dma_fifo_ size[x] dma_ addressing[x] x = 0 to 5 2 0 Channel x is implemented with: – a FIFO of 8 bytes, 2 words – fixed/contiguously incremented addressing These channels may be also used for GPDMA transfers, between an APB or AHB peripheral and SRAM. x = 6 to 7 4 0 Channel x is implemented with: – a FIFO of 32 bytes, 8 words – fixed/contiguously incremented addressing These channels may be also used for GPDMA transfers, between a demanding AHB or APB peripheral and SRAM. Table 12. GPDMA1 autonomous mode and wake-up in low-power modes Feature Low-power modes Autonomous mode and wake-up Sleep, Stop 0 modes |