| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA65CGV7TR Datasheet(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA65CGV7TR Datasheet(HTML) 43 Page - STMicroelectronics |
|
43 / 185 page ![]() DS14736 Rev 1 43/185 STM32WBA6xxx Functional overview 69 A peripheral is in secure state: • For securable peripherals, when the corresponding SEC security bit is set in the TZSC (TrustZone security controller). • For TrustZone-aware peripherals, when a security feature of the peripheral is enabled through dedicated peripheral bits. 3.14 General-purpose input/output (GPIO) Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the GPIO pins are shared with digital or analog alternate functions. After reset, all GPIOs are in analog mode to reduce power consumption. The I/Os alternate function configuration can be locked, if needed, following a specific sequence, to avoid spurious writing to the I/Os registers. The GPIO allows dynamic I/O control in Stop 0 mode thanks to GPDMA1. All I/Os can be configured and controlled as input or output (open-drain or push-pull depending on GPIO configuration). When enabled in the PWR, latest I/Os output level can be retained by pulling the I/Os high or low before entering Standby mode. I/O levels are retained after exit from Standby mode, until they are reconfigured by software. 3.14.1 GPIO TrustZone security Each I/O pin of GPIO port can be individually configured as secure. When the selected I/O pin is configured as secure, its corresponding configuration bits for alternate function, mode selection, I/O data are secure against a nonsecure access. The associated registers bit access is restricted to a secure software only. After reset, all GPIO ports are secure. 3.15 System configuration controller (SYSCFG) The main purpose of the SYSCFG (system configuration controller) are the following: • Managing robustness features • Configuring FPU interrupts • Enabling/disabling the I2C fast-mode plus (FMP) high-drive mode of some I/Os and booster for I/Os analog switches • Managing the I/O compensation • Provides memory erase status • Communication channel with the RSS 3.15.1 SYSCFG TrustZone security When TrustZone security is activated by the TZEN option bit, the SYSCFG is switched in TrustZone security mode. |