| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL431IDBVT.A Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL431IDBVT.A Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 85 page ![]() 8 Detailed Description 8.1 Overview This standard device has proven ubiquity and versatility across a wide range of applications, ranging from power to signal path. This is due to its key components containing an accurate voltage reference & opamp, which are very fundamental analog building blocks. TL43xx is used in conjunction with its key components to behave as a single voltage reference, error amplifier, voltage clamp or comparator with integrated reference. TL43xx can be operated and adjusted to cathode voltages from 2.5V to 36V, making this part optimum for a wide range of end equipments in industrial, auto, telecom & computing. In order for this device to behave as a shunt regulator or error amplifier, >1mA (Imin(max)) must be supplied in to the cathode pin. Under this condition, feedback can be applied from the Cathode and Ref pins to create a replica of the internal reference voltage. Various reference voltage options can be purchased with initial tolerances (at 25°C) of 0.5%, 1%, and 2%. These reference options are denoted by B (0.5%), A (1.0%) and blank (2.0%) after the TL431 or TL432. TL431 & TL432 are both functionaly, but have separate pinout options. The TL43xxC devices are characterized for operation from 0°C to 70°C, the TL43xxI devices are characterized for operation from –40°C to 85°C, and the TL43xxQ devices are characterized for operation from –40°C to 125°C. 8.2 Functional Block Diagram CATHODE REF ANODE + _ Vref Figure 8-1. Equivalent Schematic ANODE REF CATHODE 2.4 kΩ 7.2 kΩ 3.28 kΩ 20 pF 4 kΩ 1 kΩ 800 Ω 800 Ω 800 Ω 20 pF 150 Ω 10 kΩ Figure 8-2. Detailed Schematic www.ti.com TL431, TL432 SLVS543S – AUGUST 2004 – REVISED MAY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 21 Product Folder Links: TL431 TL432 |