| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL431IDBVT.A Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL431IDBVT.A Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 85 page ![]() VO ≈5 V, 1.5 A TL431 VI(BATT) LM317 IN OUT Adjust 243 Ω 0.1% 243 Ω 0.1% 8.2 kΩ Figure 9-9. Precision 5V, 1.5A Regulator VO ≈5 V TL431 VI(BATT) 27.4 kΩ 0.1% Rb (see Note A) 27.4 kΩ 0.1% A. Rb should provide cathode current ≥1mA to the TL431. Figure 9-10. Efficient 5V Precision Regulator TL431 12 V VCC 5 V 6.8 kΩ 10 kΩ 10 kΩ 0.1% 10 kΩ 0.1% X Not Used Feedback TL598 + − Figure 9-11. PWM Converter With Reference www.ti.com TL431, TL432 SLVS543S – AUGUST 2004 – REVISED MAY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 29 Product Folder Links: TL431 TL432 |