Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPD4EUSB30 Datasheet(PDF) 20 Page - Texas Instruments

No. de pieza TPD4EUSB30
Descripción Electrónicos  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4EUSB30 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPD4EUSB30 Datasheet HTML 16Page - Texas Instruments TPD4EUSB30 Datasheet HTML 17Page - Texas Instruments TPD4EUSB30 Datasheet HTML 18Page - Texas Instruments TPD4EUSB30 Datasheet HTML 19Page - Texas Instruments TPD4EUSB30 Datasheet HTML 20Page - Texas Instruments TPD4EUSB30 Datasheet HTML 21Page - Texas Instruments TPD4EUSB30 Datasheet HTML 22Page - Texas Instruments TPD4EUSB30 Datasheet HTML 23Page - Texas Instruments TPD4EUSB30 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X 0.25
0.15
10X 0.43
0.30
2X
2
4X 0.5
0.55 MAX
0.05
0.00
2X 0.45
0.35
B
1.1
0.9
A
2.6
2.4
(0.13) TYP
(R
)
0.125
USON - 0.55 mm max height
DQA0010A
PLASTIC SMALL OUTLINE - NO LEAD
4220328/A 12/2015
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
5
6
10
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
C
0.1
C A
B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SCALE 6.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com