Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPD4EUSB30 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPD4EUSB30
Descripción Electrónicos  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4EUSB30 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD4EUSB30 Datasheet HTML 5Page - Texas Instruments TPD4EUSB30 Datasheet HTML 6Page - Texas Instruments TPD4EUSB30 Datasheet HTML 7Page - Texas Instruments TPD4EUSB30 Datasheet HTML 8Page - Texas Instruments TPD4EUSB30 Datasheet HTML 9Page - Texas Instruments TPD4EUSB30 Datasheet HTML 10Page - Texas Instruments TPD4EUSB30 Datasheet HTML 11Page - Texas Instruments TPD4EUSB30 Datasheet HTML 12Page - Texas Instruments TPD4EUSB30 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TPDxEUSB30/A family is a family of diode array type transient voltage suppressors (TVS) which are
typically used to provide a path to ground for dissipating ESD events on hi-speed signal lines between a human
interface connector and a system. As the current from ESD passes through the TVS, only a small voltage drop
is present across the diode. This is the voltage presented to the protected IC. The low RDYN of the triggered TVS
holds this voltage, VCLAMP, to a tolerable level to the protected IC.
8.2 Typical Application
This application describes a TPDxEUSB30/A eye pattern test. Figure 10-2 shows the lab board that was
designed to demonstrate the degradation of the eye pattern quality with and without the TPD2EUSB30/A in the
USB 3.0 signal path. The measurements show that there is only ~2 ps jitter penalty to the differential signal
when the TPD2EUSB30/A device is added in the signal path. A similar setup was employed to measure the eye
diagram for the TPD4EUSB30.
Pattern Generator
TPD2EUSB30
USB3.0 Receiver PHY
36” Lossy Transmission Line
Eye Pattern
Measurement Point
Figure 8-1. Measurement Setup to collect the Eye Pattern on a Reference Board with TPD2EUSB30/A
Pattern Generator
USB3.0 Receiver PHY
36” Lossy Transmission Line
Eye Pattern
Measurement Point
Figure 8-2. Measurement Setup to collect the Eye Pattern on a Reference Board with TPD2EUSB30/A
8.2.1 Design Requirements
For this design example, a single TPD2EUSB30/A is used to protect a differential data pair lines, similar to a
USB 3.0 application. Given the USB application, the following parameters are known.
Table 8-1. Design Parameters
DESIGN PARAMETER
VALUE
Signal range on D+, and D–
0 V to 3.3 V
Operating Frequency
2.5 GHz
www.ti.com
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
SLVSAC2G – AUGUST 2010 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPD2EUSB30 TPD2EUSB30A TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com