Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPDXEUSB30 Datasheet(PDF) 23 Page - Texas Instruments

No. de pieza TPDXEUSB30
Descripción Electrónicos  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPDXEUSB30 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPDXEUSB30 Datasheet HTML 19Page - Texas Instruments TPDXEUSB30 Datasheet HTML 20Page - Texas Instruments TPDXEUSB30 Datasheet HTML 21Page - Texas Instruments TPDXEUSB30 Datasheet HTML 22Page - Texas Instruments TPDXEUSB30 Datasheet HTML 23Page - Texas Instruments TPDXEUSB30 Datasheet HTML 24Page - Texas Instruments TPDXEUSB30 Datasheet HTML 25Page - Texas Instruments TPDXEUSB30 Datasheet HTML 26Page - Texas Instruments TPDXEUSB30 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.25
0.15
8X
0.465
0.265
2X
2
4X 0.5
0.55 MAX
0.05
0.00
0.45
0.35
0.35
0.25
(0.8)
B
1.1
0.9
A
2.6
2.4
(0.1) TYP
USON - 0.55 mm max height
DQA0010B
PLASTIC SMALL OUTLINE - NO LEAD
4230307/A 12/2023
PIN 1
INDEX AREA
SEATING PLANE
0.08 C
1
5
6
10
0.1
C A B
0.05
C
0.1
C A B
0.05
C
3
PIN 1 ID
8
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SYMM
SYMM
SCALE 6.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com