Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPDXEUSB30 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPDXEUSB30
Descripción Electrónicos  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPDXEUSB30 Datasheet(HTML) 4 Page - Texas Instruments

  TPDXEUSB30 Datasheet HTML 1Page - Texas Instruments TPDXEUSB30 Datasheet HTML 2Page - Texas Instruments TPDXEUSB30 Datasheet HTML 3Page - Texas Instruments TPDXEUSB30 Datasheet HTML 4Page - Texas Instruments TPDXEUSB30 Datasheet HTML 5Page - Texas Instruments TPDXEUSB30 Datasheet HTML 6Page - Texas Instruments TPDXEUSB30 Datasheet HTML 7Page - Texas Instruments TPDXEUSB30 Datasheet HTML 8Page - Texas Instruments TPDXEUSB30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
IO voltage (D+ and D- pins)
TPD2EUSB30, TPD4EUSB30
0
6
V
TPD2EUSB30A
0
4
IEC 61000-4-5 surge current (tp = 8/20 μs)
D+, D– pins
5
A
IEC 61000-4-5 surge peak power (tp = 8/20 μs)
D+, D– pins
45
W
TA
Operating free-air temperature
–40
85
°C
Tstg
Storage temperature
–65
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
2500
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
1500
IEC 61000-4-2 Contact Discharge
D+, D– pins
8000
IEC 61000-4-2 Air-Gap Discharge (TPD2EUSB30/A)
D+, D– pins
8000
IEC 61000-4-2 Air-Gap Discharge (TPD4EUSB30)
D+, D– pins
9000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TA operating free-air temperature
–40
85
°C
Operating Voltage
TPD2EUSB30, TPD4EUSB30
0
5.5
V
TPD2EUSB30A
0
3.6
6.4 Thermal Information
THERMAL METRIC(1)
TPD2EUSB30
TPD2EUSB30A
TPD4EUSB30
UNIT
DRT (SOT)
DRT (SOT)
DQA (USON)
3 PINS
3 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
610.2
610.2
162.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
288.0
288.0
128.3
°C/W
RθJB
Junction-to-board thermal resistance
118.4
118.4
56.7
°C/W
ψJT
Junction-to-top characterization parameter
20.2
20.2
13.8
°C/W
ψJB
Junction-to-board characterization parameter
116.4
116.4
56.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
8.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
SLVSAC2G – AUGUST 2010 – REVISED JUNE 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPD2EUSB30 TPD2EUSB30A TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com