Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 93 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 89Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 90Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 91Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 92Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 93Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 94Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 95Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 96Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 227 page
background image
DS11449 Rev 7
93/19
STM32L433xx
Electrical characteristics
194
|VSSx-VSS|
Variations between all the different ground
pins(5)
-50
mV
VREF+ - VDDA
Allowed voltage difference for VREF+ >
VDDA
-0.4
V
1. All main power (VDD, VDDA, VDDUSB, VLCD, VBAT) and ground (VSS, VSSA) pins must always be connected to the external
power supply, in the permitted range.
2. VIN maximum must always be respected. Refer to Table 20: Current characteristics for the maximum allowed injected
current values.
3. This formula has to be applied only on the power supplies related to the IO structure described in the pin definition table.
4. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled.
5. Include VREF- pin.
Table 19. Voltage characteristics(1) (continued)
Symbol
Ratings
Min
Max
Unit
Table 20. Current characteristics
Symbol
Ratings
Max
Unit
∑IVDD
Total current into sum of all VDD power lines (source)(1)(2)
140
mA
∑IVSS
Total current out of sum of all VSS ground lines (sink)(1)
140
IVDD(PIN)
Maximum current into each VDD power pin (source)(1)
100
IVSS(PIN)
Maximum current out of each VSS ground pin (sink)(1)
100
IIO(PIN)
Output current sunk by any I/O and control pin except FT_f
20
Output current sunk by any FT_f pin
20
Output current sourced by any I/O and control pin
20
∑IIO(PIN)
Total output current sunk by sum of all I/Os and control pins(3)
100
Total output current sourced by sum of all I/Os and control pins(3)
100
IINJ(PIN)(4)
Injected current on FT_xxx, TT_xx, RST and B pins, except PA4,
PA5
-5/+0(5)
Injected current on PA4, PA5
-5/0
∑|IINJ(PIN)|
Total injected current (sum of all I/Os and control pins)(6)
25
1. All main power (VDD, VDDA, VDDUSB, VBAT) and ground (VSS, VSSA) pins must always be connected to the external power
supplies, in the permitted range.
2. Valid also for VDD12 on SMPS packages.
3. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be
sunk/sourced between two consecutive power supply pins referring to high pin count QFP packages.
4. Positive injection (when VIN > VDDIOx) is not possible on these I/Os and does not occur for input voltages lower than the
specified maximum value.
5. A negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer also to Table 19: Voltage
characteristics for the maximum allowed input voltage values.
6. When several inputs are submitted to a current injection, the maximum ∑|IINJ(PIN)| is the absolute sum of the negative
injected currents (instantaneous values).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com