Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 12Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 13Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 14Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 15Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 16Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 17Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 18Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 19Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 227 page
background image
Description
STM32L433xx
16/227
DS11449 Rev 7
Figure 1. STM32L433xx block diagram
Note:
AF: alternate function on I/O pins.
MSv36867V2
Flash
up to
256 KB
USB FS
GPIO PORT A
AHB/APB2
EXT IT. WKUP
83 AF
PA[15:0]
TIM1 / PWM
3 compl. channels (TIM1_CH[1:3]N),
4 channels (TIM1_CH[1:4]),
ETR, BKIN, BKIN2 as AF
USART1
RX, TX, CK,CTS,
RTS as AF
SPI1
MOSI, MISO,
SCK, NSS as AF
MOSI, MISO, SCK, NSS as AF
OUT1
ITF
WWDG
RTC_TS
OSC32_IN
OSC32_OUT
smcard
IrDA
16b
SDIO / MMC
D[7:0]
CMD, CK as AF
VBAT = 1.55 to 3.6 V
SCL, SDA, SMBA as AF
JTAG & SW
ARM Cortex-M4
80 MHz
FPU
NVIC
ETM
MPU
DMA2
RNG
@ VDDA
BOR
Supply
supervision
PVD, PVM
Int
reset
XTAL 32 kHz
MAN A G T
RTC
Standby
interface
IWDG
@VBAT
@ VDD
@VDD
AWU
Reset & clock
control
Voltage
regulator
3.3 to 1.2 V
VDD
Power management
@ VDD
RTC_TAMPx
Backup register
TIM15
2 channels,
1 compl. channel, BKIN as AF
DAC1
DAC2
TIM6
TIM7
TIM2
USART2
USART3
I2C1/SMBUS
D-BUS
SRAM 48 KB
SRAM 16 KB
I-BUS
S-BUS
DMA1
PB[15:0]
PC[15:0]
PD[15:0]
PE[15:0]
PH[1:0],
PH[3]
GPIO PORT B
GPIO PORT C
GPIO PORT D
GPIO PORT E
GPIO PORT H
16b
TIM16
16b
1 channel,
1 compl. channel, BKIN as AF
OUT2
16b
16b
SCL, SDA, SMBA as AF
SCL, SDA, SMBA as AF
MOSI, MISO, SCK, NSS as AF
TX, RX as AF
RX, TX, CK, CTS, RTS as AF
RX, TX, CK, CTS, RTS as AF
smcard
IrDA
smcard
IrDA
32b
4 channels, ETR as AF
AHB/APB1
OSC_IN
OSC_OUT
XTAL OSC
4- 16MHz
16 external analog inputs
VREF+
US AR T 2 M B p s
Temperature sensor
@ VDDA
SAI1
MCLK_A, SD_A, FS_A, SCK_A, EXTCLK
MCLK_B, SD_B, FS_B, SCK_B as AF
Touch sensing controller
7 Groups of
3 channels max as AF
VOUT, VINM, VINP
LCD 8x40
LPUART1
SWPMI1
LPTIM1
LPTIM2
SEGx, COMx as AF
RX, TX, CTS, RTS as AF
IO
RX, TX, SUSPEND as AF
IN1, IN2, OUT, ETR as AF
IN1, OUT, ETR as AF
RC HSI
RC LSI
PLL 1&2
MSI
Quad SPI memory interface
D0[3:0],
D1[3:0],
CLK0,
CLK1
CS
@ VDDUSB
COMP1
INP, INM, OUT
COMP2
INP, INM, OUT
@ VDDA
RTC_OUT
CRC
I2C2/SMBUS
I2C3/SMBUS
bxCAN1
OpAmp1
SPI3
SPI2
LCD Booster
VLCD = 2.5V to 3.6V
AHB2 80 MHz
@VDDA
FIREWALL
VREF Buffer
@ VDDA
@ VDD
DP
DM
VDD = 1.71 to 3.6 V
VSS
VDDA, VSSA
VDD, VSS, NRST
VDDUSB
TRACECLK
TRACED[3:0]
NJTRST, JTDI,
JTCK/SWCLK
JTDO/SWD, JTDO
ITF
ADC1
NOE
CRS
CRS_SYNC
HSI48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com