Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 115 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 111Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 112Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 113Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 114Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 115Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 116Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 117Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 118Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 227 page
background image
Table 44. Current consumption in Stop 2 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Stop 2)
Supply current in
Stop 2 mode,
RTC disabled
LCD disabled
1.8 V
1
2.54
8.74
19.8
43.4
2.0
5.6
21.1
50.8
116.0
µA
2.4 V
1.02
2.59
8.89
20.2
44.3
2.1
5.8
21.6
52.3
119.6
3 V
1.06
2.67
9.11
20.7
45.5
2.1
5.9
22.2
53.7
123.2
3.6 V
1.23
2.88
9.56
21.6
47.3
2.3
6.1
23.0
55.8
127.9
LCD enabled(2)
clocked by LSI
1.8 V
1.31
2.87
9.03
20
43.1
2.6
6.3
21.9
51.8
117.5
2.4 V
1.36
2.96
9.22
20.4
44.1
2.8
6.5
22.5
53.3
121.1
3 V
1.45
3.08
9.24
20.4
45.5
2.9
6.8
23.2
54.9
124.8
3.6 V
1.69
3.4
10.1
22.1
47.9
3.1
7.1
24.2
57.1
129.6
IDD_ALL
(Stop 2 with
RTC)
Supply current in
Stop 2 mode,
RTC enabled
RTC clocked by LSI,
LCD disabled
1.8 V
1.3
2.82
9.02
20.1
43.6
2.5
6.2
21.6
51.3
116.3
µA
2.4 V
1.39
2.95
9.24
20.5
44.6
2.8
6.4
22.3
52.8
120.0
3 V
1.5
3.11
9.55
21.1
45.8
3.0
6.8
23.0
54.5
123.8
3.6 V
1.76
3.42
10.1
22.1
47.8
3.3
7.2
24.1
56.7
128.7
RTC clocked by LSI,
LCD enabled(2)
1.8 V
1.41
2.96
9.13
20.1
43.3
2.8
6.4
22.1
52.0
117.6
2.4 V
1.49
3.08
9.35
20.5
44.2
3.0
6.7
22.8
53.5
121.2
3 V
1.61
3.25
9.41
20.5
45.6
3.2
7.1
23.5
55.2
125.1
3.6 V
1.91
3.63
10.3
22.3
48.1
3.5
7.5
24.6
57.5
130.0
(3)
RTC clocked by LSE
bypassed at
32768Hz,LCD disabled
1.8 V
1.36
2.9
9.1
20.1
43.7
-
-
-
-
-
2.4 V
1.48
3.09
9.44
20.8
45
-
-
-
-
-
3 V
1.83
3.67
10.4
22.3
47.3
-
-
-
-
-
3.6 V
3.58
6.17
13.9
26.6
53
-
-
-
-
-
RTC clocked by LSE
quartz(4)
in low drive mode,
LCD disabled
1.8 V
1.28
2.81
9.13
20.8
-
-
-
-
-
-
2.4 V
1.39
2.93
9.34
21.3
-
-
-
-
-
-
3 V
1.59
3.1
9.64
21.8
-
-
-
-
-
-
3.6 V
1.86
3.45
10.2
22.8
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com