Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 135 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 131Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 132Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 133Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 134Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 135Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 136Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 137Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 138Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 227 page
background image
DS11449 Rev 7
135/19
STM32L433xx
Electrical characteristics
194
6.3.8
Internal clock source characteristics
The parameters given in Table 58 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 22: General operating
conditions. The provided curves are characterization results, not tested in production.
High-speed internal (HSI16) RC oscillator
Table 58. HSI16 oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16
HSI16 Frequency
VDD=3.0 V, TA=30 °C
15.88
-
16.08
MHz
TRIM
HSI16 user trimming step
Trimming code is not a
multiple of 64
0.2
0.3
0.4
%
Trimming code is a
multiple of 64
-4
-6
-8
DuCy(HSI16)(2) Duty Cycle
-
45
-
55
%
∆Temp(HSI16)
HSI16 oscillator frequency
drift over temperature
TA= 0 to 85 °C
-1
-
1
%
TA= -40 to 125 °C
-2
-
1.5
%
∆VDD(HSI16)
HSI16 oscillator frequency
drift over VDD
VDD=1.62 V to 3.6 V
-0.1
-
0.05
%
tsu(HSI16)(2)
HSI16 oscillator start-up
time
--
0.8
1.2
μs
tstab(HSI16)(2)
HSI16 oscillator
stabilization time
--
3
5
μs
IDD(HSI16)(2)
HSI16 oscillator power
consumption
-
-
155
190
μA
1. Guaranteed by characterization results.
2. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com