Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 143 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 139Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 140Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 141Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 142Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 143Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 144Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 145Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 146Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 227 page
background image
DS11449 Rev 7
143/19
STM32L433xx
Electrical characteristics
194
6.3.10
Flash memory characteristics
Table 63. Flash memory characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Conditions
Typ
Max
Unit
tprog
64-bit programming time
-
81.69
90.76
µs
tprog_row
one row (32 double
word) programming time
normal programming
2.61
2.90
ms
fast programming
1.91
2.12
tprog_page
one page (2 Kbyte)
programming time
normal programming
20.91
23.24
fast programming
15.29
16.98
tERASE
Page (2 KB) erase time
-
22.02
24.47
tprog_bank
one bank (512 Kbyte)
programming time
normal programming
5.35
5.95
s
fast programming
3.91
4.35
tME
Mass erase time
(one or two banks)
-
22.13
24.59
ms
IDD
Average consumption
from VDD
Write mode
3.4
-
mA
Erase mode
3.4
-
Maximum current (peak)
Write mode
7 (for 2 μs)
-
Erase mode
7 (for 41 μs)
-
Table 64. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
1. Guaranteed by characterization results.
Unit
NEND
Endurance
TA = –40 to +105 °C
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
2. Cycling performed over the whole temperature range.
30
Years
1 kcycle(2) at TA = 105 °C
15
1 kcycle(2) at TA = 125 °C
7
10 kcycles(2) at TA = 55 °C
30
10 kcycles(2) at TA = 85 °C
15
10 kcycles(2) at TA = 105 °C
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com