Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 155 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 151Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 152Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 153Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 154Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 155Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 156Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 157Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 158Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 227 page
background image
DS11449 Rev 7
155/19
STM32L433xx
Electrical characteristics
194
The maximum value of RAIN can be found in Table 77: Maximum ADC RAIN.
tLATR
Trigger conversion
latency Regular and
injected channels without
conversion abort
CKMODE = 00
1.5
2
2.5
1/fADC
CKMODE = 01
-
-
2.0
CKMODE = 10
-
-
2.25
CKMODE = 11
-
-
2.125
tLATRINJ
Trigger conversion
latency Injected channels
aborting a regular
conversion
CKMODE = 00
2.5
3
3.5
1/fADC
CKMODE = 01
-
-
3.0
CKMODE = 10
-
-
3.25
CKMODE = 11
-
-
3.125
ts
Sampling time
fADC = 80 MHz
0.03125
-
8.00625
µs
-
2.5
-
640.5
1/fADC
tADCVREG_STUP
ADC voltage regulator
start-up time
--
-
20
µs
tCONV
Total conversion time
(including sampling time)
fADC = 80 MHz
Resolution = 12 bits
0.1875
-
8.1625
µs
Resolution = 12 bits
ts + 12.5 cycles for
successive approximation
= 15 to 653
1/fADC
IDDA(ADC)
ADC consumption from
the VDDA supply
fs = 5 Msps
-
730
830
µA
fs = 1 Msps
-
160
220
fs = 10 ksps
-
16
50
IDDV_S(ADC)
ADC consumption from
the VREF+ single ended
mode
fs = 5 Msps
-
130
160
µA
fs = 1 Msps
-
30
40
fs = 10 ksps
-
0.6
2
IDDV_D(ADC)
ADC consumption from
the VREF+ differential
mode
fs = 5 Msps
-
260
310
µA
fs = 1 Msps
-
60
70
fs = 10 ksps
-
1.3
3
1. Guaranteed by design
2. The I/O analog switch voltage booster is enable when VDDA < 2.4 V (BOOSTEN = 1 in the SYSCFG_CFGR1 when
VDDA < 2.4V). It is disable when VDDA ≥ 2.4 V.
3.
VREF+ can be internally connected to VDDA and VREF- can be internally connected to VSSA, depending on the package.
Refer to Section 4: Pinouts and pin description for further details.
Table 76. ADC characteristics(1) (2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com