Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 164 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 160Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 161Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 162Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 163Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 164Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 165Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 166Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 167Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 227 page
background image
Electrical characteristics
STM32L433xx
164/19
DS11449 Rev 7
Table 81. ADC accuracy - limited test conditions 4(1)(2)(3)(4)
Sym-
bol
Parameter
Conditions(5)
Min Typ Max Unit
ET
Total
unadjusted
error
ADC clock frequency ≤
26 MHz,
1.65 V ≤ VDDA = VREF+ ≤
3.6 V,
Voltage scaling Range 2
Single
ended
Fast channel (max speed)
-
5
5.4
LSB
Slow channel (max speed)
-
4
5
Differential
Fast channel (max speed)
-
4
5
Slow channel (max speed)
-
3.5
4.5
EO
Offset
error
Single
ended
Fast channel (max speed)
-
2
4
Slow channel (max speed)
-
2
4
Differential
Fast channel (max speed)
-
2
3.5
Slow channel (max speed)
-
2
3.5
EG
Gain error
Single
ended
Fast channel (max speed)
-
4
4.5
Slow channel (max speed)
-
4
4.5
Differential
Fast channel (max speed)
-
3
4
Slow channel (max speed)
-
3
4
ED
Differential
linearity
error
Single
ended
Fast channel (max speed)
-
1
1.5
Slow channel (max speed)
-
1
1.5
Differential
Fast channel (max speed)
-
1
1.2
Slow channel (max speed)
-
1
1.2
EL
Integral
linearity
error
Single
ended
Fast channel (max speed)
-
2.5
3
Slow channel (max speed)
-
2.5
3
Differential
Fast channel (max speed)
-
2
2.5
Slow channel (max speed)
-
2
2.5
ENOB
Effective
number of
bits
Single
ended
Fast channel (max speed) 10.2 10.5
-
bits
Slow channel (max speed) 10.2 10.5
-
Differential
Fast channel (max speed) 10.6 10.7
-
Slow channel (max speed) 10.6 10.7
-
SINAD
Signal-to-
noise and
distortion
ratio
Single
ended
Fast channel (max speed)
63
65
-
dB
Slow channel (max speed)
63
65
-
Differential
Fast channel (max speed)
65
66
-
Slow channel (max speed)
65
66
-
SNR
Signal-to-
noise ratio
Single
ended
Fast channel (max speed)
64
65
-
Slow channel (max speed)
64
65
-
Differential
Fast channel (max speed)
66
67
-
Slow channel (max speed)
66
67
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com