Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 201 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 201 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 197Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 198Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 199Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 200Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 201Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 202Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 203Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 204Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 227 page
background image
DS11449 Rev 7
201/227
STM32L433xx
Package information
219
7.4
LQFP64 package information
This LQFP is 64-pin, 10 x 10 mm low-profile quad flat package.
Note:
See list of notes in the notes section.
Figure 47. LQFP64 - Outline(15)
D 1/4
E 1/4
(6)
aaa C A-B D
4x N/4 TIPS
bbb H A-B D 4x
(13) (N – 4)x e
0.05
A
A2 A1 (12)
b
ddd
C A-B D
ccc
C
C
D
(5) (2)
(4)
D1
D (3)
D 1/4
E 1/4
(6)
1
2
3
(3) A
B (3)
(5)
(2)
E1
E
A
A
(Section A-A)
(4)
5W_LQFP64_ME_V1
(10)
N
BOTTOM VIEW
TOP VIEW
SECTION A-A
GAUGE PLANE
B
B
H
L
S
R1
R2
SECTION B-B
b
b1
c
c1
WITH PLATING
BASE METAL
1
3
2
(L1)
(2)
(11)
(9) (11)
(11)
(11)
(11)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com