Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 213 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 209Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 210Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 211Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 212Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 213Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 214Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 215Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 216Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 227 page
background image
DS11449 Rev 7
213/227
STM32L433xx
Package information
219
Table 113. LQFP48 - Mechanical data
Symbol
millimeters
inches(14)
Min
Typ
Max
Min
Typ
Max
A
-
-
1.60
-
-
0.0630
A1(12)
0.05
-
0.15
0.0020
-
0.0059
A2
1.35
1.40
1.45
0.0531
0.0551
0.0571
b(9)(11)
0.17
0.22
0.27
0.0067
0.0087
0.0106
b1(11)
0.17
0.20
0.23
0.0067
0.0079
0.0090
c(11)
0.09
-
0.20
0.0035
-
0.0079
c1(11)
0.09
-
0.16
0.0035
-
0.0063
D(4)
9.00 BSC
0.3543 BSC
D1(2)(5)
7.00 BSC
0.2756 BSC
E(4)
9.00 BSC
0.3543 BSC
E1(2)(5)
7.00 BSC
0.2756 BSC
e
0.50 BSC
0.1970 BSC
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
1.00 REF
0.0394 REF
N(13)
48
θ
0°
3.5°
7°
0°
3.5°
7°
θ1
0°
--
0°
--
θ2
10°
12°
14°
10°
12°
14°
θ3
10°
12°
14°
10°
12°
14°
R1
0.08
-
-
0.0031
-
-
R2
0.08
-
0.20
0.0031
-
0.0079
S
0.20
-
-
0.0079
-
-
aaa(1)(7)
0.20
0.0079
bbb(1)(7)
0.20
0.0079
ccc(1)(7)
0.08
0.0031
ddd(1)(7)
0.08
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com