Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MC1489AP Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza MC1489AP
Descripción Electrónicos  Quad line receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1489AP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MC1489AP Datasheet HTML 2Page - STMicroelectronics MC1489AP Datasheet HTML 3Page - STMicroelectronics MC1489AP Datasheet HTML 4Page - STMicroelectronics MC1489AP Datasheet HTML 5Page - STMicroelectronics MC1489AP Datasheet HTML 6Page - STMicroelectronics MC1489AP Datasheet HTML 7Page - STMicroelectronics MC1489AP Datasheet HTML 8Page - STMicroelectronics MC1489AP Datasheet HTML 9Page - STMicroelectronics MC1489AP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
MC1489/MC1489A
6/17
4
Electrical characteristics
Table 3.
Electrical characteristics (Response control pin in open; VS = 5V, Tamb = 0 to 75°C, unless
otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IIH
Positive input current
VIH = 25 V
3.6
8.3
mA
VIH = 3 V
0.43
IIL
Negative input current
VIL = - 25 V
-3.6
-8.3
mA
VIL = - 3 V
-0.43
VIH
Input turn-on threshold
voltage
Tamb = 25°C,
VOL ≤ 0.45 V
IL = 10 mA
for MC1489
1
1.5
V
for MC1489A
1.75
1.95
2.25
VIL
Input turn-off threshold
voltage
Tamb = 25°C, VOL ≥ 2.5 V IL = -0.5 mA
0.75
1.25
V
VOH
Output voltage high
VIH = 0.75 V, IL = -0.5 mA
2.5
4
5
V
IL = 0.5 mA Input Open Circuit
2.5
4
5
VOL
Output voltage low
VIL = 3 V, IL = 10 mA
0.2
0.45
V
IOS
Output short circuit
current
-3
-4
mA
IS
Power supply current
All gates "ON", IO = 0 mA, VIH = 5 V
16
26
mA
PC
Power consumption
VIH = 5 V
80
130
mW
Table 4.
Switching characteristics (VS = 5V, Tamb = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
Propagation delay time
RL = 3.9 KΩ
25
85
ns
tTHL
Rise time
RL = 3.9 KΩ
120
175
ns
tPHL
Propagation delay time
RL = 390 Ω
25
50
ns
tTHL
Fall time
RL = 390 Ω
10
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com