Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MC1489AP Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza MC1489AP
Descripción Electrónicos  Quad line receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1489AP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MC1489AP Datasheet HTML 6Page - STMicroelectronics MC1489AP Datasheet HTML 7Page - STMicroelectronics MC1489AP Datasheet HTML 8Page - STMicroelectronics MC1489AP Datasheet HTML 9Page - STMicroelectronics MC1489AP Datasheet HTML 10Page - STMicroelectronics MC1489AP Datasheet HTML 11Page - STMicroelectronics MC1489AP Datasheet HTML 12Page - STMicroelectronics MC1489AP Datasheet HTML 13Page - STMicroelectronics MC1489AP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical characteristics
MC1489/MC1489A
10/17
7
Typical characteristics
(VS = 5V, Tamb = 25°C)
Figure 10.
Input current vs input voltage
Figure 11.
MC1489 Input threshold voltage
adjustment
Figure 12.
MC1489A Input threshold voltage
adjustment
Figure 13.
Input threshold vs temperature
Figure 14.
Input threshold vs power supply
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com