Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EP5WS Datasheet(PDF) 2 Page - TE Connectivity Ltd

No. de pieza EP5WS
Descripción Electrónicos  Wirewound Anti-Surge Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EP5WS Datasheet(HTML) 2 Page - TE Connectivity Ltd

  EP5WS Datasheet HTML 1Page - TE Connectivity Ltd EP5WS Datasheet HTML 2Page - TE Connectivity Ltd EP5WS Datasheet HTML 3Page - TE Connectivity Ltd EP5WS Datasheet HTML 4Page - TE Connectivity Ltd EP5WS Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wirewound Anti-Surge Resistor
Type EP Series
9-1773463-6 CIS WR 03/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Surge Rating
Surge Waveform (1.2 /50 µs)
Type
Low
Maximum
Medium
Maximum
High
Maximum
Resistance
Surge
Resistance
Surge
Resistance
Surge
Range
Voltage
Range
Voltage
Range
Voltage
EP05W
10Ω – 40Ω
3KV
43Ω – 240Ω
4kV
270Ω – 560Ω
4kV
EP1W
10Ω – 50Ω
4KV
51Ω – 240 Ω
5kV
270Ω – 1kΩ
5kV
EP2W
10Ω – 100Ω
5KV
110Ω – 240Ω
6kV
270Ω – 2kΩ
6kV
EP3W
10Ω – 100Ω
7KV
110Ω – 680Ω
8kV
750Ω – 3kΩ
8kV
EP5W
10Ω – 160Ω
8KV
180Ω – 680Ω
9kV
750Ω – 5kΩ
9kV
EP7W
10Ω – 160Ω
9KV
180Ω – 680Ω
10kV
750Ω – 6kΩ
10kV
EP8W
10Ω – 160Ω
10KV
180Ω – 680Ω
11kV
750Ω – 10kΩ
11kV
EP9W
10Ω – 160Ω
10KV
180Ω – 680Ω
11kV
750Ω – 15kΩ
12kV
SmallSize
EP1WS
10Ω – 40Ω
3KV
43Ω – 240Ω
4kV
270Ω – 560Ω
4kV
EP2WS
10Ω – 50Ω
4KV
51Ω – 240 Ω
5kV
270Ω – 1kΩ
5kV
EP3WS
10Ω – 100Ω
5KV
110Ω – 240Ω
6kV
270Ω – 2kΩ
6kV
EP5WS
10Ω – 100Ω
7KV
110Ω – 680Ω
8kV
750Ω – 3kΩ
8kV
EP7WS
10Ω – 160Ω
8KV
180Ω – 680Ω
9kV
750Ω – 5kΩ
9kV
EP8WS
10Ω – 160Ω
9KV
180Ω – 680Ω
10kV
750Ω – 6kΩ
10kV
EP9WS
10Ω – 160Ω
10KV
180Ω – 680Ω
11kV
750Ω – 10kΩ
11kV
EP10WS
10Ω – 160Ω
10KV
180Ω – 680Ω
11kV
750Ω – 15kΩ
12kV
1.2 / 50 µs Voltage Capability
10
100
1000
10000
10000
1000
100
0.5 W
1W
2W
3W
5W
7W
8W
9W
Value(Ω)



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com