Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EP5WS Datasheet(PDF) 4 Page - TE Connectivity Ltd

No. de pieza EP5WS
Descripción Electrónicos  Wirewound Anti-Surge Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EP5WS Datasheet(HTML) 4 Page - TE Connectivity Ltd

  EP5WS Datasheet HTML 1Page - TE Connectivity Ltd EP5WS Datasheet HTML 2Page - TE Connectivity Ltd EP5WS Datasheet HTML 3Page - TE Connectivity Ltd EP5WS Datasheet HTML 4Page - TE Connectivity Ltd EP5WS Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wirewound Anti-Surge Resistor
Type EP Series
9-1773463-6 CIS WR 03/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Characteristics – Environmental
Item
Limits
TestMethod
(JISC5201-1)
TemperatureCoefficient
<20Ω : ±400PPM/°C
R2-R1
ofResistance(TCR):
≥20Ω : ±300PPM/°C
R1 (t2-t1) x106 (PPM/°C)
ShortTimeOverload:
± (2% + 0.05Ω) Max
RCWV*2.5 for 5 seconds
LoadLife:
±(5.0%+0.05Ω)
70±2°C Max. working voltage for 1000 hrs
with 1.5 hrs “ON” and 0.5 hrs “OFF”
40±2°C, 90-95% R.H. Max working voltage
LoadLifeinHumidity:
±(5.0%+0.05Ω)
for 1000 hrs with 1.5hrs hrs “ON”
and 0.5 hrs “OFF”
Solderability:
95% min. coverage
245±5°C for 3 seconds
ResistancetoSolderingHeat:
±(1.0%+0.05Ω)
Leads immersed 3.2 – 4.8 mm
from body - 350±10°C for 3±0.05 seconds
ResistancetoSolvent:
No deterioration of
Immersed in trichroethane bath
protective coating and markings
for 3 minutes with ultrasonic
SurgeImmunityTest:
±(5% + 0.05Ω) Max.
Refer to
Max Surge
IEC61000-4-5
Voltage
1/2W
4KV
1WS
1W
5KV
2WS
2W
6KV
3WS
3W
8KV
5WS
5W
9KV
7WS
7W
10KV
8WS
8W
11KV
9WS
9W
12KV
10WS
StorageTemperature:25±3°C;Humidity60%RH±10%
Marking
For EP Normal Size 1/2W, 1W, 2W, 3W and EP Small Size 1WS, 2WS, 3WS, 5WS Resistors shall be marked with
color coding in accordance with JIS C 0802.
For EP Normal Size 5W, 7W, 8W 9W and EP Small Size 7WS, 8WS, 9WS, 10WS Resistors will be marked with
power rating, nominal resistance and resistance tolerance code.
1stsignificantfigure
2ndsignificantfigure
Multiplier
Tolerence
YellowcolorcodeforAnti-Surge
9W100 ΩJ
13
2
1.2 μsec rising time and 50 μsec discharge;
every 1 minute for 10 cycle



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com