| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD36-24-23SE-059 Datasheet(PDF) 37 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23SE-059 Datasheet(HTML) 37 Page - TE Connectivity Ltd |
|
37 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 37 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 4 sz. 16, 3 sz. 4 Plug, HDP20, 24 shell, 7 way, black, N seal, 5962-203-04141 contact only HDP26-24-7SN-C038 N/A 4 sz. 16, 3 sz. 4 Plug, HDP20, 24 shell, 7 way, black, N seal, 5962-203-04141 contact only, wide threaded adapter HDP26-24-7SN-CL22 N/A HDSCS 4 sz. 1.5K, 3 sz. 2.8 Tab housing, HDSCS, 7 way, group C, 1 key, black, sealed flange 1-1670214-1 Included 4 sz. 1.5K, 3 sz. 2.8 Tab housing, HDSCS, 7 way, group C, 1 key, black 1-1703648-1 Included 4 sz. 1.5K, 3 sz. 2.8 Tab housing, HDSCS, 7 way, group C, 2 key, gray, sealed flange 2-1670214-1 Included 4 sz. 1.5K, 3 sz. 2.8 Tab housing, HDSCS, 7 way, group C, 2 key, gray 2-1703648-1 Included 4 sz. 1.5K, 3 sz. 2.8 Tab housing, HDSCS, 7 way, group C, 3 key, green, sealed flange 3-1670214-1 Included 4 sz. 1.5K, 3 sz. 2.8 Tab housing, HDSCS, 7 way, group C, 3 key, green 3-1703648-1 Included 4 sz. 1.5K, 3 sz. 2.8 Tab housing, HDSCS, 7 way, group C, 4 key, blue, sealed flange 4-1670214-1 Included 4 sz. 1.5K, 3 sz. 2.8 Tab housing, HDSCS, 7 way, group C, 4 key, blue 4-1703648-1 Included 4 sz. 1.5K, 3 sz. 2.8 Recept. housing, HDSCS, 7 way, group C, 1 key, black, black key 1-1418480-1 Included 4 sz. 1.5K, 3 sz. 2.8 Recept. housing, HDSCS, 7 way, group C, 2 key, black, gray key 2-1418480-1 Included 4 sz. 1.5K, 3 sz. 2.8 Recept. housing, HDSCS, 7 way, group C, 3 key, black, green key 3-1418480-1 Included 4 sz. 1.5K, 3 sz. 2.8 Recept. housing, HDSCS, 7 way, group C, 4 key, black, blue key 4-1418480-1 Included 8 CAVITY CONNECTORS AMPSEAL 1.3 mm Header, AMPSEAL, 8 way, A key, black, 180° molded tin pins, PCB mount, without seal 776275-1 N/A 1.3 mm Header, AMPSEAL, 8 way, A key, black, 180° molded tin pins, PCB mount, with seal 776276-1 N/A 1.3 mm Header, AMPSEAL, 8 way, A key, black, 180° molded gold pins, PCB mount, without seal 1-776275-1 N/A 1.3 mm Header, AMPSEAL, 8 way, A key, black, 180° molded gold pins, PCB mount, with seal 1-776276-1 N/A 1.3 mm Header, AMPSEAL, 8 way, A key, black, 90° molded tin pins, PCB mount, without seal 776279-1 N/A 1.3 mm Header, AMPSEAL, 8 way, A key, black, 90° molded tin pins, PCB mount, with seal 776280-1 N/A 1.3 mm Header, AMPSEAL, 8 way, A key, black, 90° molded gold pins, PCB mount, without seal 1-776279-1 N/A 1.3 mm Header, AMPSEAL, 8 way, A key, black, 90° molded gold pins, PCB mount, with seal 1-776280-1 N/A 1.3 mm Header, AMPSEAL, 8 way, B key, natural, 180° molded tin pins, PCB mount, without seal 776275-2 N/A 1.3 mm Header, AMPSEAL, 8 way, B key, natural, 180° molded tin pins, PCB mount, with seal 776276-2 N/A 1.3 mm Header, AMPSEAL, 8 way, B key, natural, 180° molded gold pins, PCB mount, without seal 1-776275-2 N/A 1.3 mm Header, AMPSEAL, 8 way, B key, natural, 180° molded gold pins, PCB mount, with seal 1-776276-2 N/A 1.3 mm Header, AMPSEAL, 8 way, B key, natural, 90° molded tin pins, PCB mount, without seal 776279-2 N/A 1.3 mm Header, AMPSEAL, 8 way, B key, natural, 90° molded tin pins, PCB mount, with seal 776280-2 N/A |