| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD36-24-23SE-059 Datasheet(PDF) 53 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23SE-059 Datasheet(HTML) 53 Page - TE Connectivity Ltd |
|
53 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 53 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 16 Plug, DT, 12 way, enhanced A key, black, enhanced seal ret. DT06-12SA-EP07 W12S-P012 16 Plug, DT, 12 way, enhanced A key, black, enhanced seal ret., end cap DT06-12SA-EP08 W12S-P012 16 Plug, DT, 12 way, enhanced A key, gray, enhanced seal ret., shrink boot adapter DT06-12SA-EP20 W12S-P012 16 Plug, DT, 12 way, enhanced A key, gray, enhanced seal ret. DT06-12SA-P012 W12S-P012 16 Plug, DT, 12 way, B key, black DT06-12SB W12S 16 Plug, DT, 12 way, B key, black, reduced dia. seals DT06-12SB-C015 W12S 16 Plug, DT, 12 way, B key, black, reduced dia. seals, end cap DT06-12SB-CE01 W12S 16 Plug, DT, 12 way, B key, black, reduced dia. seals, shrink boot adapter DT06-12SB-CE04 W12S 16 Plug, DT, 12 way, enhanced B key, black, enhanced seal ret., reduced dia. seals, end cap DT06-12SB-CE05 W12S-P012 16 Plug, DT, 12 way, enhanced B key, black, enhanced seal ret., reduced dia. seals DT06-12SB-CE06 W12S-P012 16 Plug, DT, 12 way, enhanced B key, black, enhanced seal ret., reduced dia. seals, shrink boot adapter DT06-12SB-CE13 W12S-P012 16 Plug, DT, 12 way, B key, black, end cap DT06-12SB-E003 W12S 16 Plug, DT, 12 way, B key, black, shrink boot adapter DT06-12SB-E008 W12S 16 Plug, DT, 12 way, enhanced B key, black, enhanced seal ret., end cap DT06-12SB-EP06 W12S-P012 16 Plug, DT, 12 way, enhanced B key, black, enhanced seal ret., shrink boot adapter DT06-12SB-EP20 W12S-P012 16 Plug, DT, 12 way, enhanced B key, black, enhanced seal ret. DT06-12SB-P012 W12S-P012 16 Plug, DT, 12 way, C key, green DT06-12SC W12S 16 Plug, DT, 12 way, C key, green, reduced dia. seals DT06-12SC-C015 W12S 16 Plug, DT, 12 way, C key, green, solid rear grommet DT06-12SC-C017 Included 16 Plug, DT, 12 way, C key, green, reduced dia. seals, end cap DT06-12SC-CE01 W12S 16 Plug, DT, 12 way, C key, green, reduced dia. seals, shrink boot adapter DT06-12SC-CE04 W12S 16 Plug, DT, 12 way, enhanced C key, green, enhanced seal ret., reduced dia. seals, end cap DT06-12SC-CE05 W12S-P012 16 Plug, DT, 12 way, enhanced C key, green, enhanced seal ret., reduced dia. seals DT06-12SC-CE06 W12S-P012 16 Plug, DT, 12 way, C key, green, end cap DT06-12SC-E003 W12S 16 Plug, DT, 12 way, enhanced C key, green, enhanced seal ret., end cap DT06-12SC-EP06 W12S-P012 16 Plug, DT, 12 way, enhanced C key, green, enhanced seal ret. DT06-12SC-P012 W12S-P012 16 Plug, DT, 12 way, D key, brown DT06-12SD W12S 16 Plug, DT, 12 way, D key, brown, reduced dia. seals DT06-12SD-C015 W12S 16 Plug, DT, 12 way, D key, brown, solid rear grommet DT06-12SD-C017 Included 16 Plug, DT, 12 way, D key, brown, reduced dia. seals, shrink boot adapter DT06-12SD-CE04 W12S 16 Plug, DT, 12 way, enhanced D key, brown, enhanced seal ret., reduced dia. seals, end cap DT06-12SD-CE05 W12S-P012 |