Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31PE-059 Datasheet(PDF) 130 Page - TE Connectivity Ltd

No. de pieza HD36-24-31PE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31PE-059 Datasheet(HTML) 130 Page - TE Connectivity Ltd

Back Button HD36-24-31PE-059 Datasheet HTML 126Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 127Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 128Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 129Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 130Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 131Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 132Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 133Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 134Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 130
CONTACTS
CURRENT RATING
AMPS
PART DESCRIPTION
PART NUMBER
1.0 mm (Superseal 1.0) STAMPED & FORMED RECEPTACLES
1.0 mm
Up to 15
Recept., S&F, sz. 1.0 mm, 0.5 mm2, [1.6-2.2] ins., gold interface tin crimp
3-1447221-4
Up to 15
Recept., S&F, sz. 1.0 mm, 0.75-1.25 mm2, [1.6-2.4] ins., gold interface tin crimp
3-1447221-3
1.3 mm (AMPSEAL) STAMPED & FORMED RECEPTACLES
1.3 mm
up to 8
Recept., S&F, sz. 1.3 mm, 16-20 AWG [1.25-0.50 mm2], .067-.106 [1.70-2.70] ins., pre-tin
770520-1
up to 8
Recept., S&F, sz. 1.3 mm, 16-20 AWG [1.25-0.50 mm2], .067-.106 [1.70-2.70] ins., pre-tin, loose piece
770854-1
up to 17
Recept., S&F, sz. 1.3 mm, 16-20 AWG [1.25-0.50 mm2], .067-.106 [1.70-2.70] ins., selective gold
770520-3
up to 17
Recept., S&F, sz. 1.3 mm, 16-20 AWG [1.25-0.50 mm2], .067-.106 [1.70-2.70] ins., selective gold, loose piece
770854-3
HDSF 16 (AMPSEAL 16) STAMPED & FORMED RECEPTACLES
1.58 mm
up to 13
Recept., S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .050-.107 [1.27-2.72] ins., gold
1924464-1
up to 13
Recept., S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .050-.107 [1.27-2.72] ins., gold, loose piece
1924580-1
up to 13
Recept., S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .050-.107 [1.27-2.72] ins., nickel
1924464-2
up to 13
Recept., S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .050-.107 [1.27-2.72] ins., nickel, loose piece
1924580-2
up to 13
Recept., S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .089-.131 [2.26-3.33] ins., gold
776493-1
up to 13
Recept., S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .089-.131 [2.26-3.33] ins., nickel
776493-2
up to 13
Recept., S&F, sz. 1.58 mm, 18 AWG [1.50-0.80 mm2], .065-.118 [1.65-3.00] ins., gold
2098251-1
up to 13
Recept., S&F, sz. 1.58 mm, 18 AWG [1.50-0.80 mm2], .065-.118 [1.65-3.00] ins., nickel
2098251-2
up to 13
Recept., S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .077-.155 [2.18-3.67] ins., gold
776491-1
up to 13
Recept., S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .077-.155 [2.18-3.67] ins., gold, loose piece
776297-1
up to 13
Recept., S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .077-.155 [2.18-3.67] ins., nickel
776491-2
up to 13
Recept., S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .077-.155 [2.18-3.67] ins., nickel, loose piece
776297-2
up to 13
Recept., S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .089-.131 [2.26-3.33] ins., gold
776492-1
up to 13
Recept., S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .089-.131 [2.26-3.33] ins., gold, loose piece
776299-1
up to 13
Recept., S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .089-.131 [2.26-3.33] ins., nickel
776492-2
up to 13
Recept., S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .089-.131 [2.26-3.33] ins., nickel, loose piece
776299-2
up to 13
Recept., S&F, sz. 1.58 mm, 14 AWG [2.50-1.50 mm2], .083-.128 [2.11-3.25] ins., gold
2098253-1
up to 13
Recept., S&F, sz. 1.58 mm, 14 AWG [2.50-1.50 mm2], .083-.128 [2.11-3.25] ins., nickel
2098253-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com