Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31PE-059 Datasheet(PDF) 45 Page - TE Connectivity Ltd

No. de pieza HD36-24-31PE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31PE-059 Datasheet(HTML) 45 Page - TE Connectivity Ltd

Back Button HD36-24-31PE-059 Datasheet HTML 41Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 42Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 43Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 44Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 45Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 46Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 47Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 48Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 49Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 45
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
7 sz. 16
Recept., HD10, 9 way, gray, in-line, threaded rear, cavities H, J blocked
HD14-9-96P-C016
N/A
16
Recept., HD10, 9 way, gray, in-line, threaded rear, E seal
HD14-9-96PE
N/A
16
Plug, HD10, 9 way, gray, non-threaded rear
HD16-9-16S
N/A
16
Plug, HD10, 9 way, black, threaded rear, J1939
HD16-9-1939S
N/A
16
Plug, HD10, 9 way, green, threaded rear, J1939 type II
HD16-9-1939S-P080
N/A
16
Plug, HD10, 9 way, black, threaded rear, J1939, E seal
HD16-9-1939SE
N/A
16
Plug, HD10, 9 way, green, threaded rear, J1939 type II, E seal
HD16-9-1939SE-P080
N/A
16
Plug, HD10, 9 way, gray, threaded rear
HD16-9-96S
N/A
7 sz. 16
Plug, HD10, 9 way, gray, threaded rear, cavities H, J blocked
HD16-9-96S-C016
N/A
16
Plug, HD10, 9 way, black, threaded rear, no coupling ring, J1939
HD17-9-1939S
N/A
16
Plug, HD10, 9 way, green, threaded rear, no coupling ring, J1939 type II
HD17-9-1939S-P080
N/A
16
Plug, HD10, 9 way, black, threaded rear, no coupling ring, J1939, E seal
HD17-9-1939SE
N/A
16
Plug, HD10, 9 way, green, threaded rear, no coupling ring, J1939 type II, E seal
HD17-9-1939SE-P080
N/A
HD30 Series
6 sz. 12, 2 sz. 8
1 sz. 4
Recept., HD30, 24 shell, 9 way, N seal
HD34-24-9PN
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Recept., HD30, 24 shell, 9 way, N seal, cable clamp
HD34-24-9PN-059
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Recept., HD30, 24 shell, 9 way, N seal, adapter
HD34-24-9PN-072
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Recept., HD30, 24 shell, 9 way, N seal, reverse
HD34-24-9SN
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Recept., HD30, 24 shell, 9 way, N seal, reverse, cable clamp
HD34-24-9SN-059
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Recept., HD30, 24 shell, 9 way, N seal, reverse, adapter
HD34-24-9SN-072
N/A
5 sz. 16,
2 sz. 12, 2 sz. 8
Recept., HD30, 24 shell, 9 way, E seal, HDBox arrangement
HD34-24-91PE
N/A
5 sz. 16,
2 sz. 12, 2 sz. 8
Recept., HD30, 24 shell, 9 way, E seal, HDBox arrangement, cable clamp
HD34-24-91PE-059
N/A
5 sz. 16,
2 sz. 12, 2 sz. 8
Recept., HD30, 24 shell, 9 way, E seal, HDBox arrangement, adapter
HD34-24-91PE-072
N/A
5 sz. 16,
2 sz. 12, 2 sz. 8
Recept., HD30, 24 shell, 9 way, N seal, HDBox arrangement
HD34-24-91PN
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com