Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31PE-059 Datasheet(PDF) 19 Page - TE Connectivity Ltd

No. de pieza HD36-24-31PE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31PE-059 Datasheet(HTML) 19 Page - TE Connectivity Ltd

Back Button HD36-24-31PE-059 Datasheet HTML 15Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 16Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 17Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 18Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 19Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 20Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 21Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 22Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 23Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 19
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
1.58 mm
Cap, AMPSEAL 16, 2 way, B key, black, gray PLR, reduced dia. seal, reverse mount
1871412-2
Included
1.58 mm
Cap, AMPSEAL 16, 2 way, C key, black, yellow PLR, standard dia. seal
776428-3
Included
1.58 mm
Cap, AMPSEAL 16, 2 way, C key, black, yellow PLR, standard dia. seal, reverse mount
1717672-3
Included
1.58 mm
Cap, AMPSEAL 16, 2 way, C key, black, yellow PLR, reduced dia. seal
776534-3
Included
1.58 mm
Cap, AMPSEAL 16, 2 way, D key, black, green PLR, standard dia. seal
776428-4
Included
1.58 mm
Cap, AMPSEAL 16, 2 way, D key, black, green PLR, reduced dia. seal
776534-4
Included
1.58 mm
Plug, AMPSEAL 16, 2 way, A key, black, red PLR, standard dia. seal
776427-1
Included
1.58 mm
Plug, AMPSEAL 16, 2 way, A key, black, red PLR, reduced dia. seal
776522-1
Included
1.58 mm
Plug, AMPSEAL 16, 2 way, B key, black, gray PLR, standard dia. seal
776427-2
Included
1.58 mm
Plug, AMPSEAL 16, 2 way, B key, black, gray PLR, reduced dia. seal
776522-2
Included
1.58 mm
Plug, AMPSEAL 16, 2 way, C key, black, yellow PLR, standard dia. seal
776427-3
Included
1.58 mm
Plug, AMPSEAL 16, 2 way, C key, black, yellow PLR, reduced dia. seal
776522-3
Included
1.58 mm
Plug, AMPSEAL 16, 2 way, D key, black, green PLR, standard dia. seal
776427-4
Included
1.58 mm
Plug, AMPSEAL 16, 2 way, D key, black, green PLR, reduced dia. seal
776522-4
Included
Circular DIN
2.5 mm
Header, Circular DIN, 2 way, 1 key, black, 180° molded tin pins, PCB mount
1394324-1
N/A
2.5 mm
Pin housing, Circular DIN, 2 way, 1 key, black
1-967402-3
N/A
2.5 mm
Pin housing, Circular DIN, 2 way, 2 key, gray
2-967402-3
N/A
2.5 mm
Socket housing, Circular DIN, 2 way, 1 key, black
1-967325-3
N/A
2.5 mm
Socket housing, Circular DIN, 2 way, 1 key, black, secondary locking
1-968968-3
Included
2.5 mm
Socket housing, Circular DIN, 2 way, 2 key, gray
2-967325-3
N/A
2.5 mm
Socket housing, Circular DIN, 2 way, 2 key, gray, secondary locking
2-968968-3
Included
2.5 mm
Socket housing, Circular DIN, 2 way, 3 key, green
3-967325-3
N/A
2.5 mm
Socket housing, Circular DIN, 2 way, 4 key, blue
4-967325-3
N/A
DT Series
16
Recept., DT, 2 way, gray
DT04-2P
W2P
16
Recept., DT, 2 way, gray, reduced dia. seals
DT04-2P-C015
W2P
16
Recept., DT, 2 way, gray, solid rear grommet
DT04-2P-C017
N/A
16
Recept., DT, 2 way, gray, reduced dia. seals, end cap
DT04-2P-CE01
W2P
16
Recept., DT, 2 way, black, reduced dia. seals
DT04-2P-CE02
W2P
16
Recept., DT, 2 way, black, reduced dia. seals, end cap
DT04-2P-CE03
W2P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com