Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31PE-059 Datasheet(PDF) 150 Page - TE Connectivity Ltd

No. de pieza HD36-24-31PE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31PE-059 Datasheet(HTML) 150 Page - TE Connectivity Ltd

Back Button HD36-24-31PE-059 Datasheet HTML 146Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 147Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 148Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 149Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 150Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 151Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 152Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 153Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 154Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 150
DEUTSCH MODIFICATION LIST
MOD #
SERIES
DESCRIPTION
A
A004
DRC
Receptacle with molded-in PCB pins, 24 and 40 way
A006
DRC
Receptacle with molded-in PCB pins, 40 way, #40 pin removed
B
B009
HD10
Receptacle with raised key removed from front of flange, no rear threads
B010
HD10
Plug with coupling ring added
B016
DT, DT13/15 Receptacle has extended shell and enhanced keys, plug has enhanced seal retention (P012), 12 way
B019
HD30
Custom snap ring mount
B022
HD10
Receptacle with D-hole panel mount, rear threads, J1939, black
B025
HD10
Receptacle with D-hole panel mount, no rear threads, black
B026
DTMF
PCB receptacle with alternate keying, requires plugs with WM-12S-B026 wedgelocks
B028
DT15
5 P.S.I rating
BE
BE02
DT
Receptacle with extended shell and enhanced keys (B016), end cap
BE03
DT
Receptacle with extended shell and enhanced keys (B016), end cap, black
BE04
DT
Receptacle with extended shell and enhanced keys (B016), end cap, reduced diameter seals (E seal), black
BE05
DT
Receptacle with extended shell and enhanced keys (B016), end cap, sealed flange, reduced diameter seals (E seal), threaded stainless
steel flange inserts
BL
BL04
DT
Receptacle with extended shell and enhanced keys (B016), welded flange
BL08
DT
Receptacle with extended shell and enhanced keys (B016), welded flange, black
BL10
DT
Receptacle with extended shell and enhanced keys (B016), sealed flange, reduced diameter seals (E seal), shrink boot adapter, threaded
stainless steel flange inserts
BL11
DT
Receptacle with extended shell and enhanced keys (B016), sealed flange, reduced diameter seals (E seal), end cap, threaded stainless
steel flange inserts
BP
BP03
HD10
Receptacle with D-hole panel mount, J1939 Type II, green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com