Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31ST-059 Datasheet(PDF) 16 Page - TE Connectivity Ltd

No. de pieza HD36-24-31ST-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31ST-059 Datasheet(HTML) 16 Page - TE Connectivity Ltd

Back Button HD36-24-31ST-059 Datasheet HTML 12Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 13Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 14Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 15Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 16Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 17Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 18Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 19Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 20Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 16
SERIES OVERVIEW
HDP20 Series
•
Accepts contact sizes 4 (100 amps), 8 (60 amps), 12 (25 amps), 16 (13 amps), and 20 (7.5 amps)
•
4-22 AWG (25.00-0.35 mm2)
•
2, 6, 7, 8, 9, 14, 16, 18, 19, 20, 21, 23, 29, 31, 33, 35, and 47 cavity arrangements
•
In-line or flange mount
•
Circular, thermoplastic housing
•
Coupling ring for mating
HD30 Series
•
Accepts contact sizes 4 (100 amps), 8 (60 amps), 12 (25 amps), 16 (13 amps), and 20 (7.5 amps)
•
6-22 AWG (13.00-0.35 mm2)
•
2, 6, 8, 9, 14, 16, 18, 19, 20, 21, 23, 29, 31, 33, 35, and 47 cavity arrangements
•
In-line or flange mount
•
Circular, aluminum housing
•
Coupling ring for mating
HDSCS Connectors
•
Accepts contact sizes 6.3 (up to 40 amps), 2.8 (up to 40 amps), and 1.5K (up to 20 amps)
•
6.00-0.20 mm2
•
2, 3, 4, 6, 7, 8, 10, 12, 15, 16, and 18 cavity arrangements
•
In-line or flange mount
•
Rectangular, thermoplastic housing
•
Slide lock for mating
•
Integrated secondary lock confirms contact alignment and retention
•
Product specification documents: 108-94020 and 114-18756
LEAVYSEAL Connectors
•
Accepts contact sizes 6.3 (up to 40 amps), 2.8 (up to 40 amps), and 1.5K (up to 20 amps)
•
6.00-0.20 mm2
•
15, 18, 21, 22, 26, 29, 31, 39, 46, 62, and 92 cavity arrangements
•
In-line, flange, or PCB mount
•
Rectangular, thermoplastic housing
•
Lever for mating
•
Integrated secondary lock confirms contact alignment and retention
•
Product specification documents: 108-18696 and 114-18376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More