Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31ST-059 Datasheet(PDF) 17 Page - TE Connectivity Ltd

No. de pieza HD36-24-31ST-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31ST-059 Datasheet(HTML) 17 Page - TE Connectivity Ltd

Back Button HD36-24-31ST-059 Datasheet HTML 13Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 14Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 15Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 16Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 17Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 18Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 19Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 20Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 21Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 17
SERIES OVERVIEW
STRIKE Series
•
Accepts contact sizes 16 (13 amps) and 20 (7.5 amps)
•
14-22 AWG (2.50-0.35 mm2)
•
32 and 64 cavity arrangements
•
In-line, flange, or PCB mount
•
Square, thermoplastic housing
•
Lever for mating
•
TPA confirms contact alignment and retention
Superseal 1.0 Connectors
•
Accepts contact size 1.0 mm (up to 15 amps)
•
1.25-0.50 mm2
•
26, 34, and 60 cavity arrangements
•
PCB mount
•
Rectangular, thermoplastic housing
•
Integrated latch for mating
•
TPA confirms contact alignment and retention
•
Product specification documents: 108-78140 and 114-78011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More