Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MSS3205 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

No. de pieza MSS3205
Descripción Electrónicos  21/32/43/60 VOICE ROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOSEL [Mosel Vitelic, Corp]
Página de inicio  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS3205 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  MSS3205 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MOSEL VITELIC INC.
5/27
PID248*** 08/96
Specifications subject to change without notice, contact your sales representatives for the most recent information.
MSS2105/S3205/S4305/S6605
preliminary
course he can access the first ten sentences by
way 1st. To access the 11st sentence or higher,
these 5 pins (ROW0 through ROW4) are played as
the D-tree.
ROW5 and ROW6 are played as
S-tree.
ROW6 means 1, ROW5 means zero.
ROW4 means 40, ROW3 means 30, ..., ROW0
means 0.
Of course, the fabrication should be
masked as KeyBoard addressing.
The 3rd way (Matrix addressing):
To cooperate with TG7 as well as 7 TGn pins (TG0
through TG6), they form an 8x7 matrix in 56 cross
points.
The touch of a cross point activates a
trigger signal to play respectively sentence.
Of course, the fabrication should be masked as
matrix addressing.
Rosc
This is a pin to provided bias to activate built in
VCO circuit. A 1200 K ohm resistor serial from
Vdd (3.0V) to this pin can play the audio output at
6 KHz sample rate.
Larger Rosc plays lower
frequency.
LED
This is an output pin which can flash an LED lamp
at Fix 6 Hz in a sink type by I led. Fix 6 Hz flash
means this pin turns LED lamp on for 83 ms and
then turns it off for 83 ms alternately.
1
2
filename of
S6605's
filename of
S4305's
filename of
S3205's
filename of
S2105's
Functions
S6605QA
S6605QE
S4305QA
S4305QE
S3205QA
S3205QE
S2105QA
S2105QE
to define 128 word sections
to define 64 sentence tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com