| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSS3205 Datasheet(PDF) 8 Page - Mosel Vitelic, Corp |
|
|
|||||||||||||||||||||||||||||
MSS3205 Datasheet(HTML) 8 Page - Mosel Vitelic, Corp |
|
8 / 27 page ![]() DC Characteristics at 3.0 Vdd (S6605) MOSEL VITELIC INC. 8/27 PID248*** 08/96 MSS2105/S3205/S4305/S6605 preliminary Specifications subject to change without notice, contact your sales representatives for the most recent information. Symbol I sb I op I iht I iLT I ihr I iLr I ohr I oLr I ohbs I oLbs I led I ohv I oLv I co V co V ohv V oLv R 1 R 1 R cds R cnt d F/F d F/F Symbol I sb I op I iht I iLT I ihr I iLr I ohr I oLr I ohbs I oLbs I led I ohv I oLv I co V co V ohv V oLv R 1 R 1 Parameter Standby I Operation I input high I input low I input high I input low I output high I output low I output high I output low V LED sink I output high I output low I current o/p V current o/p V output high V output low V Oscillation R Oscillation R cds R Switch contact R Frq. stability Frq. variation Parameter Standby I Operation I input high I input low I input high I input low I output high I output low I output high I output low V LED sink I output high I output low I current o/p V current o/p V output high V output low V Oscillation R Oscillation R Valid Vdd Vdd TG0-7 TG0-7 ROW0-6 ROW0-6 ROW0-6 ROW0-6 BS BS LED Vout1,2 Vout1,2 Cout Cout Vout1 Vout2 Rosc Rosc Valid Vdd Vdd TG0-7 TG0-7 ROW0-6 ROW0-6 ROW0-6 ROW0-6 BS BS LED Vout1,2 Vout1,2 Cout Cout Vout1 Vout2 Rosc Rosc Min. -5 -10 Min. Typ. 100 5 5 -5 5 -3.5 3.5 9 -6 +6 -2.5 1.1 840 Typ. 150 10 10 -10 10 -8 8 10 -13 +13 -3.5 1.2 860 Max. 1 300 1 1 -7 +7 80 20 5 10 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |