Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMC128AFY6 Datasheet(PDF) 13 Page - Numonyx B.V

No. de pieza SMC128AFY6
Descripción Electrónicos  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC128AFY6 Datasheet(HTML) 13 Page - Numonyx B.V

Back Button SMC128AFY6 Datasheet HTML 9Page - Numonyx B.V SMC128AFY6 Datasheet HTML 10Page - Numonyx B.V SMC128AFY6 Datasheet HTML 11Page - Numonyx B.V SMC128AFY6 Datasheet HTML 12Page - Numonyx B.V SMC128AFY6 Datasheet HTML 13Page - Numonyx B.V SMC128AFY6 Datasheet HTML 14Page - Numonyx B.V SMC128AFY6 Datasheet HTML 15Page - Numonyx B.V SMC128AFY6 Datasheet HTML 16Page - Numonyx B.V SMC128AFY6 Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
SMCxxxAF
Card physical description
13/82
3
Card physical description
The CompactFlash memory card contains a single chip controller and Flash memory
module(s). The controller interfaces with a host system allowing data to be written to and
read from the Flash memory module(s). Figure 1 shows the block diagram of the
CompactFlash memory card.
The card is offered in a type I package with a 50-pin connector consisting of two rows of 25
female contacts on 50 mil (1.27 mm) centers. Figure 9 shows type I card dimensions.
Figure 1.
CompactFlash memory card block diagram
Controller
Flash
module(s)
CompactFlash storage card
Control
Data
In/Out
Host
interface
AI04300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com