Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMC128AFY6 Datasheet(PDF) 21 Page - Numonyx B.V

No. de pieza SMC128AFY6
Descripción Electrónicos  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC128AFY6 Datasheet(HTML) 21 Page - Numonyx B.V

Back Button SMC128AFY6 Datasheet HTML 17Page - Numonyx B.V SMC128AFY6 Datasheet HTML 18Page - Numonyx B.V SMC128AFY6 Datasheet HTML 19Page - Numonyx B.V SMC128AFY6 Datasheet HTML 20Page - Numonyx B.V SMC128AFY6 Datasheet HTML 21Page - Numonyx B.V SMC128AFY6 Datasheet HTML 22Page - Numonyx B.V SMC128AFY6 Datasheet HTML 23Page - Numonyx B.V SMC128AFY6 Datasheet HTML 24Page - Numonyx B.V SMC128AFY6 Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
SMCxxxAF
Electrical interface
21/82
Table 13.
Input characteristics
Type
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Units
VCC = 3.3 V
VCC = 5.0 V
1
Input voltage
CMOS
VIH
2.4
2.4
V
VIL
0.6
0.8
2
Input voltage
CMOS
VIH
1.5
2.0
V
VIL
0.6
0.8
3
Input voltage CMOS
Schmitt Trigger
VTH
1.8
2.8
V
VTL
1.0
2.0
Table 14.
Output drive type(1)
Type
Output type
Valid conditions
OTx
Totem pole
IOH & IOL
OZx
Tri-state N-P channel
IOH & IOL
OPx
P-channel only
IOH only
ONx
N-channel only
IOL only
1.
x refers to the characteristics described in Table 15. For example, OT3 refers to totem pole output with a type 3 output
drive characteristic.
Table 15.
Output drive characteristics
Type
Parameter
Symbol
Conditions
Min
Typ
Max
Units
1
Output voltage
VOH
IOH = –4mA
VCC – 0.8 V
V
VOL
IOL =4mA
Gnd+0.4V
2
Output voltage
VOH
IOH = –8mA
VCC – 0.8 V
V
VOL
IOL =8mA
Gnd+0.4V
3
Output voltage
VOH
IOH = –8mA
VCC – 0.8 V
V
VOL
IOL =8mA
Gnd+0.4V
X
Tri-state
leakage current
IOZ
VOL =Gnd
–10
10
µA
VOH =VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com