Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMS128FF Datasheet(PDF) 45 Page - Numonyx B.V

No. de pieza SMS128FF
Descripción Electrónicos  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS128FF Datasheet(HTML) 45 Page - Numonyx B.V

Back Button SMS128FF Datasheet HTML 41Page - Numonyx B.V SMS128FF Datasheet HTML 42Page - Numonyx B.V SMS128FF Datasheet HTML 43Page - Numonyx B.V SMS128FF Datasheet HTML 44Page - Numonyx B.V SMS128FF Datasheet HTML 45Page - Numonyx B.V SMS128FF Datasheet HTML 46Page - Numonyx B.V SMS128FF Datasheet HTML 47Page - Numonyx B.V SMS128FF Datasheet HTML 48Page - Numonyx B.V SMS128FF Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Serial peripheral interface (SPI) mode
45/61
Figure 34.
Read Data Error
7.2.4
Data Write
Single and Multiple Block Write operations are supported in SPI mode.
Upon reception of a valid write command, the card sends a response token and waits for a
data block to be sent from the host. Write operations, as illustrated in <Blue>Figure 35.,
follow the same rules as Read operations (refer to Section 7.2.4: Data Write) as regards the
CRC, block length and start address.
After receiving a data block, the card returns a data response token. If the data block
received contains no error, it is programmed. Throughout the programming operation the
card sends a continuous stream of busy tokens to the host (by holding the DataOut line
Low).
Figure 35.
Write Operation
7.2.5
Erase & Write Protect Management
The erase and write protect management procedures are the same in the SPI and SD
modes.
While the card is erasing or changing the write protection bits, it remains in the busy state
and holds the DataOut line Low.
Figure 36.
Erase & Write Protect Operations
Command
Command
Data in
Data out
ai10068
from Card
to Host
from Host
to Card
next command
Response
Data Error
Data Error message
from Card to Host
Command
Data in
Data out
ai10069
from Card
to Host
from Host
to Card
Response
Data
Response Busy
data from
Host
to Card
Data Block
>
Data
Response Busy
Data Block
>
>
Data start
token
Data Response
and Busy
from Card
data from Host
to Card
Data stop
token
Command
Command
Data in
Data out
ai10070
from Card
to Host
from Host
to Card
from Host
to Card
Response
Response
from Card
to Host
Busy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com