Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMS128FF Datasheet(PDF) 20 Page - Numonyx B.V

No. de pieza SMS128FF
Descripción Electrónicos  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS128FF Datasheet(HTML) 20 Page - Numonyx B.V

Back Button SMS128FF Datasheet HTML 16Page - Numonyx B.V SMS128FF Datasheet HTML 17Page - Numonyx B.V SMS128FF Datasheet HTML 18Page - Numonyx B.V SMS128FF Datasheet HTML 19Page - Numonyx B.V SMS128FF Datasheet HTML 20Page - Numonyx B.V SMS128FF Datasheet HTML 21Page - Numonyx B.V SMS128FF Datasheet HTML 22Page - Numonyx B.V SMS128FF Datasheet HTML 23Page - Numonyx B.V SMS128FF Datasheet HTML 24Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
Secure digital memory card interface
SMSxxxAF, SMSxxxFF, SMSxxxBF
20/61
3.4.1
Card Identification Mode
The host enters the Card Identification mode after reset and remains in this mode until it has
finished searching for new cards on the bus.
Cards enter the Card Identification mode after reset and remain in this mode until they
receive the SEND_RCA command (CMD3) (or the SET_RCA command for
MultiMediaCards).
While in Card Identification mode the host resets all the cards that are in Card Identification
mode, validates the operation voltage range, identifies every card and asks them to publish
their Relative Card Addresses (RCA). This operation is done separately for each card on its
own CMD line. In this mode, all data communications use the command line (CMD) only.
The host starts the card identification process at the identification clock rate fOD. The SD
Memory Card has push-pull CMD line output drives.
Once the bus has been activated the host asks each card to send their valid operation
conditions (ACMD41 preceded by APP_CMD - CMD55 with RCA=0000h).
The response to ACMD41 is the Operation Condition Register of the card. The same
command is sent to all the new cards in the system. Incompatible cards are switched to
Inactive State.
The host then issues the ALL_SEND_CID command (CMD2), to every card to get their
unique card identification (CID) numbers. All unidentified cards (which are in Ready State)
answer by sending their CID numbers (on the CMD line) and switch to the Identification
State. Then the host issues a CMD3 (SEND_RELATIVE_ADDR) command to ask the cards
to publish a relative card address (RCA). The RCA is shorter than the CID, and will be used
to address the card (typically at a clock rate higher than fOD) once this is in Data Transfer
mode. Once the RCA is received the card state changes to Standby. At this point, the host
may ask the card to publish another RCA number by sending another
SEND_RELATIVE_ADDR command to the card. The last published RCA is the actual RCA
of the card.
The host repeats the identification process, that is the cycles with CMD2 and CMD3, for
each card in the system. Once all the SD Memory Cards have been initialized, the host
initializes the MultiMediaCards that are in the system (if any) by issuing CMD2 and CMD3
as explained in the MultiMediaCard specification. Note that in the SD system all the cards
are connected separately so each MultiMediaCard has to be initialized individually.
Stand-by State
Data Transfer Mode
Transfer State
Sending-data State
Receive-data State
Programming State
Disconnect State
Table 10.
Card States vs. Operation Modes (continued)
Card state
Operation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com