Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MIMX9331DVVXMAC Datasheet(PDF) 21 Page - NXP Semiconductors

No. de pieza MIMX9331DVVXMAC
Descripción Electrónicos  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 17Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 18Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 19Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 20Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 21Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 22Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 23Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 24Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 123 page
background image
[1] Actual working drive level is dependent on real design. Please contact crystal vendor for selecting drive level of crystal.
4.1.7 Maximum supply currents
Power consumption is highly dependent on the application. Estimating the maximum supply currents required for power supply
design is difficult because the use cases that requires maximum supply current is not a realistic use cases.
To help illustrate the effect of the application on power consumption, data was collected while running commercial standard
benchmarks that are designed to be compute and graphic intensive. The results provided are intended to be used as guidelines
for power supply design.
Table 20. Maximum supply currents
Power rail
Max current
Unit
VDD_SOC
2700
mA
VDD_ANA_0P8
50
mA
VDD_ANAx_1P8 [1]
250
mA
NVCC_BBSM_1P8
2
mA
NVCC_GPIO, NVCC_WAKEUP, NVCC_AON
Imax = N x C x V x (0.5 x F)
Where:
N—Number of IO pins supplied by the power line
C—Equivalent external capacitive load
V—IO voltage
(0.5 x F)—Data change rate. Up to 0.5 of the clock
rate (F).
In this equation, Imax is in Amps, C in Farads, V in
Volts, and F in Hertz.
VDDQ_DDR
160
mA
VDD2_DDR
525
mA
VDD_MIPI_0P8 (for MIPI CSI-2 2-lane Rx PHY)
18
mA
VDD_MIPI_0P8 (for MIPI-DSI 4-lane Tx PHY)
33
mA
VDD_MIPI_1P8 (for MIPI CSI-2 2-lane Rx PHY)
2.5
mA
VDD_MIPI_1P8 (for MIPI-DSI 4-lane Tx PHY)
9.5
mA
VDD_USB_3P3 (for USB PHY)
25.2
mA
VDD_USB_1P8 (for USB PHY)
36.2
mA
VDD_USB_0P8 (for USB PHY)
22.2
mA
VDD_LVDS_1P8
Max dynamic current 45
mA
[1] VDD_ANAx_1P8 refers to VDD_ANA0_1P8, VDD_ANA1_1P8, and VDD_ANAVDET_1P8.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
21 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com