| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MIMX9331DVVXMAC Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MIMX9331DVVXMAC Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 123 page ![]() System Clock Main CPU Low Power Real Time Domain External DRAM 32 kB I-cache NEON 64 kB L2 Cache FPU 32 kB D-cache Performance Acceleration and IO Domain Oscillator DMA Watchdog, Periodic Timer Timer/PWM x2, Timer x2 Temperature Sensor PLLs 256 kB L3 Cache (ECC) Arm Cortex-M33 16 kB+16 kB Code+Sys Cache FPU MPU NVIC 256 kB TCM/OCRAM w/ECC LPUART x2, SPI x2 I2C x2, I3C CAN-FD 2-lane I2S TDM Tx/Rx 8-ch PDM Mic Input MQS x16 LPDDR4/4X (Inline ECC) Crypto Tamper Detection Secure Clock Secure Boot eFuse Key Storage Random Number LPUART x6, SPI x6 I2C x6, I3C CAN-FD FlexIO x2 ADC (4-channel, 12-bit) 2x Gigabit Ethernet (1 w/TSN) 2x USB 2.0 5-lane I 2S TDM Tx/Rx, SPDIF 8 bpp Parallel YUV/RGB Camera Parallel RGB Display PXP with 2D Graphics - High-efficiency NPU MIPI-CSI 2-lane w/PHY MIPI-DSI 4-lane w/PHY 4-lane LVDS w/PHY DMA Watchdog x3, Periodic Timer Timer/PWM x2, Timer x2 Secure JTAG 3x SD/SDIO 3.0/eMMC 5.1 Octal SPI FLASH w/Inline Crypto 640 kB OCRAM w/ECC EdgeLock Secure Enclave 2x Cortex-A55 System Control Low Power Security MCU Connectivity and I/O Connectivity and I/O ML and Multimedia System Control Memory Figure 2. i.MX 93 system block diagram 3 Special signal considerations Table 3 lists special signal considerations for the i.MX 93 processors. The signal names are listed in alphabetical order. The package contact assignments can be found in Package information and contact assignments. Signal descriptions are provided in the i.MX 93 Reference Manual (IMX93RM). NXP Semiconductors IMX93CEC i.MX 93 Applications Processors Data Sheet for Commercial Products IMX93CEC All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 7 — 12 February 2026 Document feedback 10 / 123 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |