Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP18V01DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

No. de pieza AP18V01DF
Descripción Electrónicos  -16V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP18V01DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP18V01DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP18V01DF
-16V P+P-Channel Enhancement Mode MOSFET
AP18V01DF REV1.0
永源微電子科技有限公司
Description
The AP18V01DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -16V ID =-18A
RDS(ON) < 20mΩ @ VGS=-4.5V (Type:15mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP18V01DF
PDFN3X3-8L
AP18V01DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-16
V
VGS
Gate-Source Voltage
±12
V
ID@TA=25
℃
Continuous Drain Current, VGS @ -4.5V1
-18
A
ID@TA=70
℃
Continuous Drain Current, VGS @ -4.5V1
-10.4
A
IDM
Pulsed Drain Current2
-54
A
PD@TA=25
℃
Total Power Dissipation3
1.31
W
PD@TA=70
℃
Total Power Dissipation3
0.74
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
57
℃/W
RθJC
Thermal resistance, junction-case
7.4
℃/W


Número de pieza similar - AP18V01DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Power Electron...
AP1801GU A-POWER-AP1801GU Datasheet
70Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP1802GU A-POWER-AP1802GU Datasheet
56Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
A POWER MICROELECTRONIC...
AP180N03BNF APME-AP180N03BNF Datasheet
898Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP180N03D APME-AP180N03D Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
AP180N03G-TP TECHPUBLIC-AP180N03G-TP Datasheet
2Mb / 4P
N-Channel Enhancement MOSFET
More results

Descripción similar - AP18V01DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
Leshan Radio Company
LP2307LT1G LRC-LP2307LT1G_15 Datasheet
377Kb / 4P
16V P-Channel Enhancement-Mode MOSFET
LP2307LT1G LRC-LP2307LT1G Datasheet
377Kb / 4P
16V P-Channel Enhancement-Mode MOSFET
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com