Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP18V01DF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

No. de pieza AP18V01DF
Descripción Electrónicos  -16V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP18V01DF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP18V01DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP18V01DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP18V01DF
-16V P+P-Channel Enhancement Mode MOSFET
AP18V01DF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-12
-16
---
V
△
BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
-0.014
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-4.5V , ID=-5.0A
---
15
20
mΩ
VGS=-2.5V , ID=-3.0A
---
20
30
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-0.5
-0.6
-1.2
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
3.95
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=-16V , VGS=0V , TJ=25℃
---
---
-1
uA
VDS=-16V , VGS=0V , TJ=55℃
---
---
-5
IGSS
Gate-Source Leakage Current
VGS=±12V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-3A
---
12.8
---
S
Qg
Total Gate Charge (-4.5V)
VDS=-15V , VGS=-4.5V , ID=-3A
---
10.2
---
nC
Qgs
Gate-Source Charge
---
1.89
---
Qgd
Gate-Drain Charge
---
3.1
---
Td(on)
Turn-On Delay Time
VDD=-10V , VGS=-4.5V ,
RG=3.3
, ID=-3A
---
5.6
---
ns
Tr
Rise Time
---
40.8
---
Td(off)
Turn-Off Delay Time
---
33.6
---
Tf
Fall Time
---
18
---
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
857
---
pF
Coss
Output Capacitance
---
114
---
Crss
Reverse Transfer Capacitance
---
108
---
IS
Continuous Source Current1,4
VG=VD=0V , Force Current
---
---
-18
A
ISM
Pulsed Source Current2,4
---
---
-54
A
VSD
Diode Forward Voltage2
VGS=0V , IS=-1A , TJ=25℃
---
---
-1.0
V
trr
Reverse Recovery Time
IF=-3A , di/dt=100A/µs ,
TJ=25℃
---
21
---
nS
Qrr
Reverse Recovery Charge
---
6.9
---
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width △ 300us , duty cycle △ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com