Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EP1084KB Datasheet(PDF) 6 Page - Eorex Corporation

No. de pieza EP1084KB
Descripción Electrónicos  5A Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EOREX [Eorex Corporation]
Página de inicio  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1084KB Datasheet(HTML) 6 Page - Eorex Corporation

  EP1084KB Datasheet HTML 1Page - Eorex Corporation EP1084KB Datasheet HTML 2Page - Eorex Corporation EP1084KB Datasheet HTML 3Page - Eorex Corporation EP1084KB Datasheet HTML 4Page - Eorex Corporation EP1084KB Datasheet HTML 5Page - Eorex Corporation EP1084KB Datasheet HTML 6Page - Eorex Corporation EP1084KB Datasheet HTML 7Page - Eorex Corporation EP1084KB Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
eorex
EP1084
Jul. 2006
www.eorex.com
6/8
VOUT= VREF ×
⎟
⎠
⎞
⎜
⎝
⎛
+
R1
R2
1+IFBR2
Load Regulation
Since the EP1084 is only a 3 terminal device, it is not possible to provide true remote sensing of the
output voltage at the load. The best load regulation is achieved when the bottom side of R2 is connected
to the load and the top-side of R1 resistor is connected directly to the case or the VOUT pin of the
regulator and not to the load. It is important to note that for high current applications, this can re-present
a significant percentage of the overall load regulation and one must keep the path from the regulator to
the load as short as possible to minimize this effect.
Stability
The EP1084 requires the use of an output capacitor as part of the frequency compensation in order to
make the regulator stable. For most applications a minimum of 10uF aluminum electrolytic capacitor
insures both stability and good transient response.
Thermal Design
The EP1084 incorporates an internal thermal shutdown that protects the device when the junction
temperature exceeds the maximum allowable junction temperature. Although this device can operate
with junction temperatures in the range of 150°C, it is recommended that the selected heat sink be
chosen such that during maximum continuous load operation the junction temperature is kept below the
temperature.
Layout Consideration
The output capacitors must be located as close to the VOUT terminal of the device as possible. It is
recommended to use a section of a layer of the PC board as a plane to connect the VOUT pin to the
output capacitors to prevent any high frequency oscillation that may result due to excessive trace
inductance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com