Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP45P01DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

No. de pieza AP45P01DF
Descripción Electrónicos  -16V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP45P01DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP45P01DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP45P01DF
-16V P-Channel Enhancement Mode MOSFET
AP45P01DF REV1.0
永源微電子科技有限公司
Description
The AP45P01DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -16V ID =-45A
RDS(ON) < 9.0mΩ @ VGS=4.5V(Type:7.5mΩ)
Application
Electronic cigarette
Load switch
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
PDFN3*3-8
AP45P01DF
L
5
AP45P01DF XXX YYYY
000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDSS
Drain-Source Voltage
-16
V
VGSS
Gate-Source Voltage
±12
V
ID@TC=25℃
Continuous Drain Current, VGS @ 4.5V1
-45
A
ID@TC=100℃
Continuous Drain Current, VGS @ 4.5V1
-18
A
IDM
Pulsed Drain Current note1
-140
A
PD@TC=25℃
Power Dissipation
2.6
W
EAS
Single Pulsed Avalanche Energy
38
mJ
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
RθJC
Thermal Resistance Junction-Case1
6
℃/W
RθJA
Thermal Resistance, Junction to Ambient
85
℃/W


Número de pieza similar - AP45P01DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A POWER MICROELECTRONIC...
AP45P06D APME-AP45P06D Datasheet
820Kb / 7P
-60V P-Channel Enhancement Mode MOSFET
REV1.1
AP45P06F APME-AP45P06F Datasheet
992Kb / 10P
-60V P-Channel Enhancement Mode MOSFET
REV1.1
AP45P06NF APME-AP45P06NF Datasheet
1,015Kb / 7P
-60V P-Channel Enhancement Mode MOSFET
REV1.1
AP45P06P APME-AP45P06P Datasheet
992Kb / 10P
-60V P-Channel Enhancement Mode MOSFET
REV1.1
AP45P06T APME-AP45P06T Datasheet
992Kb / 10P
-60V P-Channel Enhancement Mode MOSFET
REV1.1
More results

Descripción similar - AP45P01DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2342N3 CYSTEKEC-MTN2342N3 Datasheet
332Kb / 9P
16V N-Channel Enhancement Mode MOSFET
logo
Leshan Radio Company
LP2307LT1G LRC-LP2307LT1G_15 Datasheet
377Kb / 4P
16V P-Channel Enhancement-Mode MOSFET
LP2307LT1G LRC-LP2307LT1G Datasheet
377Kb / 4P
16V P-Channel Enhancement-Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com