Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP45P01DF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

No. de pieza AP45P01DF
Descripción Electrónicos  -16V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP45P01DF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP45P01DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP45P01DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP45P01DF
-16V P-Channel Enhancement Mode MOSFET
AP45P01DF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250μA
-12
-16
-
V
IDSS
Zero Gate Voltage Drain Current
VDS =-12V, VGS = 0V,
-
-
-1
μA
IGSS
Gate to Body Leakage Current
VDS =0V, VGS = ±12V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250μA
-0.5
-0.65
-1.0
V
RDS(on)
Static Drain-Source on-Resistance note2
VGS=-4.5V, ID=-5.2A
-
7.5
9.0
mΩ
RDS(on)
Static Drain-Source on-Resistance note2
VGS=-2.5V, ID=-4.2A
9.5
12
mΩ
Ciss
Input Capacitance
VDS=-6V, VGS=0V
f=1.0MHz
-
1797
-
pF
Coss
Output Capacitance
-
213
-
pF
Crss
Reverse Transfer Capacitance
-
180
-
pF
Qg
Total Gate Charge
VDS=-4V, ID=-10A,
VGS = -4.5V
-
16
nC
Qgs
Gate-Source Charge
-
4
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
3
-
nC
td(on)
Turn-on Delay Time
VDD =-4V, ID=-10A,
RG=1.0Ω, VGEN=-4.5V,
RL=3Ω
-
8
-
ns
tr
Turn-on Rise Time
-
35
-
ns
td(off)
Turn-off Delay Time
-
75
-
ns
tf
Turn-off Fall Time
-
70
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
-15
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
-90
A
VSD
Drain to Source Diode Forward Voltage
VGS=0V, IS =-15A
-
-
-1.2
V
trr
Reverse Recovery Time
VGS=0V, IS=-10A,
di/dt=100A/μs
-
10
-
ns
Qrr
Reverse Recovery Charge
-
3
-
nC
Note :
1
、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=15V,VGS =10V,L=0.5mH,IAS =10A
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com