Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CC6207DN Datasheet(PDF) 4 Page - CrossChip Microsystems Inc.

No. de pieza CC6207DN
Descripción Electrónicos  Omnipolar low-power Hall effect switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CROSSCHIP [CrossChip Microsystems Inc.]
Página de inicio  https://www.crosschipmicro.com/
Logo CROSSCHIP - CrossChip Microsystems Inc.

CC6207DN Datasheet(HTML) 4 Page - CrossChip Microsystems Inc.

  CC6207DN Datasheet HTML 1Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 2Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 3Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 4Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 5Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 6Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 7Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 8Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 9Page - CrossChip Microsystems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
crossMAG series
DS-CC6207-SC-rev1.4
Copy Right Reserved by CrossChip Microsystems Inc. 2019
http://www.crosschipmicro.com
工作时序图
IDD
IDD(DIS)
IDD(EN)
IDD(AVG)
t
TAWAKE
TPERIOD
Latch Output
Operating Time
Standby Time
曲线 & 波形 (若无特别指明,V
DD=3.5V @ Ta=25°C)
35
37
39
41
43
45
47
49
51
53
55
0
1
2
3
4
5
6
VDD(V)
扫描频率 vs. VDD
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
VDD(V)
IDD(AVG) vs. VDD
-35
-25
-15
-5
5
15
25
35
-60
-40
-20
0
20
40
60
80
100
120
140
Ta(℃)
磁感应点 vs. Ta
-70
-50
-30
-10
10
30
50
70
0
1
2
3
4
5
6
VDD(V)
磁感应点 vs. VDD
BOPS
BRPS
BRPN
BOPN
BOPN
BRPN
BOPS
BRPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com