Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CC6207DN Datasheet(PDF) 1 Page - CrossChip Microsystems Inc.

No. de pieza CC6207DN
Descripción Electrónicos  Omnipolar low-power Hall effect switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CROSSCHIP [CrossChip Microsystems Inc.]
Página de inicio  https://www.crosschipmicro.com/
Logo CROSSCHIP - CrossChip Microsystems Inc.

CC6207DN Datasheet(HTML) 1 Page - CrossChip Microsystems Inc.

  CC6207DN Datasheet HTML 1Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 2Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 3Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 4Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 5Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 6Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 7Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 8Page - CrossChip Microsystems Inc. CC6207DN Datasheet HTML 9Page - CrossChip Microsystems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
crossMAG series
DS-CC6207-SC-rev1.4
Copy Right Reserved by CrossChip Microsystems Inc. 2019
http://www.crosschipmicro.com
CC6207
全极性微功耗霍尔效应开关
概述
CC6207是一颗微功耗、高灵敏度全极性、并具有闩锁输出的霍尔开关传感装置,可直接取代传统的磁簧开关。特别适用于使用电池电源
的便携式电子产品,如行动电话、无绳电话、笔记型电脑、PDA等。
CC6207具有磁场辨别全极性,亦即只要磁场北极或南极靠近即可启动,磁场撤消后,输出便关闭。与其他一般霍尔传感装置不同的是并
不要特定南极或北极才可以动作,减少了组装时辨别磁极的困扰。CC6207内部电路包含了霍尔薄片、电压稳压模块、信号放大处理模块、动
态失调消除模块、锁存模块以及CMOS输出级。由于CC6207使用先进的BiCMOS工艺,整体优化了的线路结构,使得产品获得极低的输入误
差反馈。产品采用了动态失调消除技术,该技术能够消除由封装应力,热应力,以及温度梯度所造成的失调电压,提高器件的一致性。同时该
产品采用及其小型化的封装工艺,使得产品更具极高的性能和市场优势。
CC6207提供SOT23-3,TO-92S和DFN4L三种封装,工作温度范围为-40~125°C。
特性
工作范围宽,2~5V
微功耗
反应速度快,工作频率为40Hz
全极性输出,对南极和北极磁场均可响应
良好的温度稳定性
开关点漂移低
ESD(HBM)6000V
SOT23-3和DFN4L小尺寸封装
符合RoHS标准
应用
仪器仪表
PDA
笔记本电脑
功能框图
功率开关
动态失调消除
放大器
迟滞比较器
温度补偿电路
VDD
GND
霍尔单元
VOUT
控制逻辑


Número de pieza similar - CC6207DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
CC6 VISHAY-CC6 Datasheet
92Kb / 3P
Thin Film 0304 Size Resistor on Alumina
27-May-13
logo
MICORO CRYSTAL SWITZERL...
CC6 MICROCRYSTAL-CC6 Datasheet
2Mb / 3P
Polyester 0.061 mm
logo
TDK Electronics
CC6-0305SF-E TDK-CC6-0305SF-E Datasheet
178Kb / 1P
DC-DC Converters
CC6-0305SR-E TDK-CC6-0305SR-E Datasheet
178Kb / 1P
DC-DC Converters
CC6-0312DF-E TDK-CC6-0312DF-E Datasheet
178Kb / 1P
DC-DC Converters
More results

Descripción similar - CC6207DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
Omnipolar Hall Effect Switch IC
logo
Diodes Incorporated
AH180N DIODES-AH180N Datasheet
194Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
DS32174 Rev. 3 - 2
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
Rev 1
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_13 Datasheet
142Kb / 4P
Omnipolar Hall Effect Switch IC
logo
Diodes Incorporated
AH1815 DIODES-AH1815 Datasheet
560Kb / 13P
LOW SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
Digital-Omnipolar-Switch Hall Effect Sensor
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_17 Datasheet
178Kb / 4P
Omnipolar Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH131 DIWELL-WSH131 Datasheet
172Kb / 4P
Omnipolar Hall Effect Switch IC
2017/4/7 Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com