Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP55N10CP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

No. de pieza AP55N10CP
Descripción Electrónicos  100V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP55N10CP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP55N10CP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 7Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP55N10CP
100V N-Channel Enhancement Mode MOSFET
AP55N10CP Rev1.0
臺灣永源微電子科技有限公司
Description
The AP55N10CP is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS =100V,ID =55A
RDS(ON) <21mΩ@ VGS=10V
Application
Power amplifier
motor drive
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP55N10CP
TO-220-3L
AP55N10CP
1000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
100
V
ID
Continuous Drain Current
57
A
IDM
Pulsed Drain Current
471
A
VGSS
Gate-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
1943
mJ
IAR
Avalanche Current
32
A
EAR
Repetitive Avalanche Energy
36
mJ
PD
Power Dissipation (TC = 25ºC)
200
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55 to175
ºC
RthJC
Thermal Resistance, Junction-to-Case
0.75
℃/W
RthJA
Thermal Resistance, Junction-to-Ambient
62
℃/W


Número de pieza similar - AP55N10CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A POWER MICROELECTRONIC...
AP55N10F APME-AP55N10F Datasheet
820Kb / 9P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP55N10P APME-AP55N10P Datasheet
820Kb / 9P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP55N10P APME-AP55N10P Datasheet
1Mb / 7P
N-Channel Enhancement Mode MOSFET
Rev1.0
AP55N10PT APME-AP55N10PT Datasheet
1Mb / 7P
N-Channel Enhancement Mode MOSFET
Rev1.0
AP55N10T APME-AP55N10T Datasheet
820Kb / 9P
100V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Descripción similar - AP55N10CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
SHIKUES Electronics
SK2328N3 SKTECHNOLGY-SK2328N3 Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com