Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP55N10CP Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

No. de pieza AP55N10CP
Descripción Electrónicos  100V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP55N10CP Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP55N10CP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 7Page - A POWER MICROELECTRONICS AP55N10CP Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP55N10CP
100V N-Channel Enhancement Mode MOSFET
AP55N10CP Rev1.0
臺灣永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Type
Max
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
100
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS = 100V, VGS = 0V, TJ = 25ºC
--
--
1
μA
VDS = 80V, VGS = 0V, TJ = 125ºC
--
--
100
IGSS
Gate-Source Leakage
VGS = +20V,VDS=0V
--
--
100
nA
VGS=-20V, VDS=0V
--
--
-100
VGS(th)
Gate-Source Threshold Voltage
VDS = VGS, ID = 250µA
2.0
--
4.0
V
RDS(on)
Drain-Source On-Resistance (Note3)
VGS = 10V, ID = 28A
--
17
21
mΩ
gfs
Forward Transconductance
VDS = 10V, ID = 28A
85
S
Ciss
Input Capacitance
VGS = 0V,
VDS = 25V, f = 1.0MHz
--
2700
--
pF
Coss
Output Capacitance
--
610
--
Crss
Reverse Transfer Capacitance
--
260
--
Qg
Total Gate Charge
VDD =50V, ID = 28A, VGS = 0 to
10V
--
60
--
nC
Qgs
Gate-Source Charge
--
15
--
Qgd
Gate-Drain Charge
--
45
--
td(on)
Turn-on Delay Time
VDD = 50V,
ID =28A,
VGS= 10V
RG
= 2.5 Ω
--
20
--
ns
tr
Turn-on Rise Time
--
28
--
td(off)
Turn-off Delay Time
--
65
--
tf
Turn-off Fall Time
--
15
--
IS
Continuous Body Diode Current
TC = 25 ºC
--
--
57
A
ISM
Pulsed Diode Forward Current
--
--
230
VSD
Body Diode Voltage
TJ = 25ºC, ISD = 28A, VGS = 0V
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0V,IS = 28A, diF/dt =100A
/μs
--
195
--
ns
Qrr
Reverse Recovery Charge
--
107
--
μC
Notes
1、Repetitive Rating: Pulse width limited by maximum junction temperature
2、IAS = 30A, VDD = 50V, RG
= 25 Ω, Starting TJ = 25 ºC
3、
Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com